Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-I/ML Datasheet(PDF) 178 Page - Microchip Technology

Part # PIC18F44J10-I/ML
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/ML Datasheet(HTML) 178 Page - Microchip Technology

Back Button PIC18F44J10-I/ML Datasheet HTML 174Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 175Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 176Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 177Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 178Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 179Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 180Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 181Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 176
© 2009 Microchip Technology Inc.
16.4.6
MASTER MODE
Master mode is enabled by setting and clearing the
appropriate SSPM bits in SSPxCON1 and by setting
the SSPEN bit. In Master mode, the SCLx and SDAx
lines are manipulated by the MSSP hardware.
Master mode of operation is supported by interrupt
generation on the detection of the Start and Stop
conditions. The Stop (P) and Start (S) bits are cleared
from a Reset or when the MSSP module is disabled.
Control of the I2C bus may be taken when the P bit is
set, or the bus is Idle, with both the S and P bits clear.
In Firmware Controlled Master mode, user code
conducts all I2C bus operations based on Start and
Stop bit conditions.
Once Master mode is enabled, the user has six
options.
1.
Assert a Start condition on SDAx and SCLx.
2.
Assert a Repeated Start condition on SDAx and
SCLx.
3.
Write to the SSPxBUF register initiating
transmission of data/address.
4.
Configure the I2C port to receive data.
5.
Generate an Acknowledge condition at the end
of a received byte of data.
6.
Generate a Stop condition on SDAx and SCLx.
The following events will cause the MSSP Interrupt
Flag bit, SSPxIF, to be set (and MSSP interrupt, if
enabled):
• Start condition
• Stop condition
• Data transfer byte transmitted/received
• Acknowledge transmit
• Repeated Start
FIGURE 16-16:
MSSP BLOCK DIAGRAM (I
2C™ MASTER MODE)
Note:
The MSSP module, when configured in
I2C Master mode, does not allow queueing
of events. For instance, the user is not
allowed to initiate a Start condition and
immediately write the SSPxBUF register to
initiate transmission before the Start con-
dition is complete. In this case, the
SSPxBUF will not be written to and the
WCOL bit will be set, indicating that a write
to the SSPxBUF did not occur.
Read
Write
SSPxSR
Start bit, Stop bit,
SSPxBUF
Internal
Data Bus
Set/Reset S, P, WCOL (SSPxSTAT, SSPxCON1);
Shift
Clock
MSb
LSb
SDAx
Acknowledge
Generate
Stop bit Detect,
Write Collision Detect,
Clock Arbitration,
State Counter for
End of XMIT/RCV
SCLx
SCLx In
Bus Collision
SDAx In
SSPxADD<6:0>
Baud
Set SSPxIF, BCLxIF;
Reset ACKSTAT, PEN (SSPxCON2)
Rate
Generator
SSPM<3:0>
Start bit Detect,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com