Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSSO7050 Datasheet(PDF) 2 Page - auris-GmbH

Part # APSSO7050
Description  Oscillator SMD, spread spectrum, programmable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

APSSO7050 Datasheet(HTML) 2 Page - auris-GmbH

  APSSO7050 Datasheet HTML 1Page - auris-GmbH APSSO7050 Datasheet HTML 2Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4.14
Oscillator SMD, spread spectrum, programmable
auris-GmbH office@auris-gmbh.de www.auris-gmbh.de
All specifications are subject to change without notice.
Table 1
A
± 0.125%
I
± 1.125%
B
± 0.250%
K
± 1.250%
C
± 0.375%
M
± 1.375%
D
± 0.500%
O
± 1.500%
E
± 0.625%
P
± 1.625%
F
± 0.750%
R
± 1.750%
G
± 0.875%
S
± 1.875%
H
± 1.000%
T
± 2.000%
spread
spread
Duty cycle
Output clock rise / fall
Start up time
%
Unit
Output clock switching characteristics
From power on
0.2-0.8Vdd, 2.25-3.6 Vdd, Cl=30
0.2-0.8Vdd, 2.25-3.6Vdd, Cl=15
2.25V~3.6V Vdd
55
Description
HCMOS @ Vdd/2
3
ns
Typ
Max
Test conditions
Min
10
ms
45
4.0
2.4
ns
Electrical characteristics
Input characteristics (Pin 1)
VIL, Low-level input voltage
TO Tri-state or power-down
VIH, High-level input voltage
TO Enable output or no connect
IIL, Input low current
IIH, Input high current
Output characteristics VOL, Low-level output voltage
VOHCMOS, High-level CMOS voltage
Power supply current
(unloaded)
Input pull-up resistor
Tri-state leakage current
Output is tri-stated
Output enable mode
Output is power down
50
20
0.4
70
90
0.2 Vdd
V
Unit
Discription
Test conditions
3.0 ~ 3.6 V Vdd
VIN = 0V
2.25 V ~ 3.6 V Vdd, -8 mA IOL
VIN = Vdd
2.25 ~ 3.6 Vdd, OUTPUT FREQ
≤ 200 MHz
3.6V Vdd
Max
0.7 Vdd
80
3.0 ~ 3.6 V Vdd
Min
Typ
10
µA
µA
V
µA
3.0 V ~ 3.6 V Vdd, 8 mA IOL
Vdd - 0.4
2.25 ~ 3.6V Vdd, VIN = 0.7V
V
V
mA
35
APSSO 7050
APSSO 5032



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com