Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21HT1G Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # BAS21HT1G
Description  HIGH VOLTAGE SWITCHING DIODE Lead free product
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAS21HT1G Datasheet(HTML) 2 Page - Zowie Technology Corporation

  BAS21HT1G Datasheet HTML 1Page - Zowie Technology Corporation BAS21HT1G Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Zowie Technology Corporation
BAS21HT1G
FIGURE 1. RECOVERY TIME EQUIVALENT TEST CIRCUIT
FIGURE 2. FORWARD VOLTAGE
FIGURE 3. REVERSE LEAKAGE
IF, FORWARD CURRENT (mA)
VR, REVERSE VOLTAGE (V)
Notes : 1. A 2.0 kΩ variable resistor adjusted for a Forward Current (IF) of 30 mA.
2. Input pulse is adjusted so IR(peak) is equal to 30 mA.
3. tp >> trr
Zowie Technology Corporation
2007/05
+10 V
2 k
820
Ω
0.1
µF
DUT
VR
100
µH
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 3.0 mA
OUTPUT PULSE
(IF = IR = 30 mA; measured
at iR(REC) = 3.0 mA)
IF
INPUT SIGNAL
1200
7000
6000
5000
4000
3000
6
5
4
3
2
1
0
1000
800
600
400
200
1
1
10
199
1000
1
2
5
10
20
50
100
200 300
TA = -55℃
TA = 155℃
TA = 25℃
TA = -55℃
TA = 25℃
TA = 155℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com