Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SWGH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # BAT54SWGH
Description  Schottky Barrier Diode Lead free product Halogen - free type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAT54SWGH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  BAT54SWGH Datasheet HTML 1Page - Zowie Technology Corporation BAT54SWGH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Zowie Technology Corporation
Notes: 1. A 2.0kΩ variable resistor adjusted for a Forward Current (IF) of 10mA.
2. Input pulse is adjusted so IR(peak) is equal to 10mA.
3. tp » trr
+10 V
2 k
820Ω
0.1uF
D.U.T.
VR
100uH
0.1uF
50Ω OUTPUT
PULSE
GENERATOR
50Ω INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
T
10%
90%
IF
IR
trr
T
iR(REC) = 1mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1mA
IF
INPUT SIGNAL
FIGURE 1. RECOVERY TIME EQUIVALENT TEST CIRCUIT
100
0.0
0.1
VF, FORWARD VOLTAGE ( VOLTS )
0.2
0.3
0.4
0.5
10
1.0
0.1
10
0
5
VR, REVERSE VOLTAGE ( VOLTS )
1.0
0.1
0.01
0.001
15
10
20
25
14
0
5
VR, REVERSE VOLTAGE ( VOLTS )
12
4
2
0
15
10
30
FIGURE 2. FORWARD VOLTAGE
FIGURE 3. LEAKAGE CURRENT
FIGURE 4. TOTAL CAPACITANCE
TA=150
o C
TA=125
oC
TA=85
oC
TA=25
oC
0.6
-55
oC
125
oC
85
oC
100
1000
30
25
20
6
8
10
Zowie Technology Corporation
2009/02
BAT54SWGH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com