Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC49M Datasheet(PDF) 1 Page - auris-GmbH

Part # HC49M
Description  Quartz SMD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

HC49M Datasheet(HTML) 1 Page - auris-GmbH

  HC49M Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.9
HC49M
HC49J
HC49H
Quartz SMD
Resistance of series resonance (ESR)
Frequency (MHz)
Mode
Ohm max
Frequency (MHz)
Mode
Ohm max
3.5 <= f < 4.5
Fundamental
120
15 <= f < 18
Fundamental
30
4.5 <= f < 6.0
Fundamental
90
18 <= f < 33
Fundamental
25
6.0 <= f < 8.0
Fundamental
70
30 <= f < 35
3rdO.T
100
8.0 <= f < 10
Fundamental
60
35 <= f < 40
3rdO.T
80
10 <= f < 12
Fundamental
50
40 <= f < 80
3rdO.T
70
12 <= f < 15
Fundamental
40
Features:
- High reliability
- Available in extended temperature range
- Excellent for automotive applications
Drawing
HC49M
HC49J
HC49H
Dimensions in mm
auris-GmbH office@auris-gmbh.de www.auris-gmbh.de
All specifications are subject to change without notice.
Specifications
Symbol
HC49M / HC49J / HC 49 H
Frequency range
f
3.500MHz ~ 40.000MHz
30.000MHz ~ 80.000MHz
Frequency tolerance,Ta=25°C
∆f/f
±10ppm ~ ±50ppm
Load capacitance
CL
10pF ~ 50pF
Temperature tolerance
∆f/f
±10ppm ~ ±100ppm
Temperature range
Storage temperature
TSTG
-40°C ~ +125°C
Operating temperature
TOPR
-40°C ~ +125°C
Drive level
Maximum drive level
MDL
1000µW
Recommended drive level
RDL
10µW ~ 100µW
Series resistance
R1
As per table
Shunt capacitance
C0
7pF
Insulation resistance
IR
500M Ohm
Aging
∆fA
±5ppm/Year
25°C ±3°C
Max
Min
Max
Others are offered
Overtone mode
Please specify
Please specify
Please specify
Remarks
Fundamental mode
Order key
Q
- 20.000000M - HC49M
- F
- 30
- 50
- D
- 30
- TR
Part
Frequency
Package
Mode of
Frequency
Temperature
Temperature
Load
Option
oscillation
tolerance
tolerance
range
capacitance
Q=Quartz
M=MHz
HC49M
F=fund.
±ppm
±ppm
A=
0°C ~ +70°C
pF
TR=Tape and reel
HC49J
3=3.OT
(25°C)
(Temp. Range)
B= -10°C ~ +60°C
SR=series
X=Special options
HC49H
C= -10°C ~ +70°C
D= -20°C ~ +70°C
E= -40°C ~ +85°C
F= -40°C ~ +105°C
G= -40°C ~ +125°C *
H= -20°C ~ +80°C
I = -10°C ~ +50°C


Similar Part No. - HC49M

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC49M AURIS-HC49M Datasheet
141Kb / 1P
Quartz SMD
More results

Similar Description - HC49M

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC49USSMD AURIS-HC49USSMD Datasheet
105Kb / 1P
Quartz SMD
MP03 AURIS-MP03 Datasheet
168Kb / 1P
Quartz SMD
MP6914 AURIS-MP6914 Datasheet
74Kb / 1P
Quartz SMD
HC49USSMD AURIS-HC49USSMD_1 Datasheet
200Kb / 1P
Quartz SMD
HE1045 AURIS-HE1045_1 Datasheet
978Kb / 1P
Quartz SMD
HE3225 AURIS-HE3225 Datasheet
402Kb / 1P
Quartz SMD
HE5032 AURIS-HE5032_1 Datasheet
500Kb / 1P
Quartz SMD
HE7050 AURIS-HE7050_1 Datasheet
157Kb / 1P
Quartz SMD
MP03 AURIS-MP03_1 Datasheet
255Kb / 1P
Quartz SMD
TC206B AURIS-TC206B_1 Datasheet
91Kb / 1P
Quartz SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com