Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM7622LAB-S Datasheet(PDF) 14 Page - ELM Technology Corporation

Part # ELM7622LAB-S
Description  CMOS Voltage detector with delay function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM7622LAB-S Datasheet(HTML) 14 Page - ELM Technology Corporation

Back Button ELM7622LAB-S Datasheet HTML 10Page - ELM Technology Corporation ELM7622LAB-S Datasheet HTML 11Page - ELM Technology Corporation ELM7622LAB-S Datasheet HTML 12Page - ELM Technology Corporation ELM7622LAB-S Datasheet HTML 13Page - ELM Technology Corporation ELM7622LAB-S Datasheet HTML 14Page - ELM Technology Corporation ELM7622LAB-S Datasheet HTML 15Page - ELM Technology Corporation ELM7622LAB-S Datasheet HTML 16Page - ELM Technology Corporation ELM7622LAB-S Datasheet HTML 17Page - ELM Technology Corporation ELM7622LAB-S Datasheet HTML 18Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
0.2
0.4
0.6
0.8
1.0
0.05
0.10
0.15
0.20
0.25
0.30
0
Vds (V)
Ioutn-Vds
Vdd=1.0V, Top=25℃
-40
-20
0
204060
80
0
0.05
0.10
0.15
0.20
0.25
0.30
Top (℃)
Ioutn-T op
Vdd=1.0V, Vds=0.3V
0.5
1.0
1.5
2.0
2.5
2.0
4.0
6.0
8.0
10.0
12.0
0
Vds (V)
Ioutn-Vds
Top=25℃
Vdd=2.5V
Vdd=2.0V
Vdd=1.5V
-40
-20
0
204060
80
0.0
2.0
4.0
6.0
8.0
Top (℃)
Ioutn-T op
Vds=0.4V
Vdd=1.5V
Vdd=2.0V
Vdd=2.5V
1.0
2.0
3.0
4.0
5.0
6.0
20.0
40.0
60.0
80.0
0
Vds (V)
Ioutn-Vds
Vdd=3V
Vdd=4.5V
Vdd=6.0V
Top=25℃
-40
-20
0
204060
80
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
Top (℃)
Vdd=3.0V
Vdd=4.5V
Vdd=6.0V
Ioutn-T op
Vds=0.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com