Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM7622LAB-N Datasheet(PDF) 16 Page - ELM Technology Corporation

Part # ELM7622LAB-N
Description  CMOS Voltage detector with delay function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM7622LAB-N Datasheet(HTML) 16 Page - ELM Technology Corporation

Back Button ELM7622LAB-N Datasheet HTML 12Page - ELM Technology Corporation ELM7622LAB-N Datasheet HTML 13Page - ELM Technology Corporation ELM7622LAB-N Datasheet HTML 14Page - ELM Technology Corporation ELM7622LAB-N Datasheet HTML 15Page - ELM Technology Corporation ELM7622LAB-N Datasheet HTML 16Page - ELM Technology Corporation ELM7622LAB-N Datasheet HTML 17Page - ELM Technology Corporation ELM7622LAB-N Datasheet HTML 18Page - ELM Technology Corporation ELM7622LAB-N Datasheet HTML 19Page - ELM Technology Corporation ELM7622LAB-N Datasheet HTML 20Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
2.0
3.0
4.0
5.0
6.0
230
240
250
260
270
SUPPLY VOLT AGE (V)
Tdelay1-SUPPLY VOLT AGE
Vdd=1V → SUPP LY VOLTAGE
-30℃
+25℃
+80℃
-40
-20
0
20
406080
230
240
250
260
270
Top (℃)
Tdelay1-T op
Vdd=1V → 3V
-40
-20
0
20
406080
230
240
250
260
270
Top (℃)
Tdelay1-T op
Vdd=1V → 4.5V
2.0
3.0
4.0
5.0
6.0
230
240
250
260
270
SUPPLY VOLT AGE (V)
Tdelay1-SUPPLY VOLT AGE
Vdd=1V → SUPP LY VOLTAGE
-30℃
+25℃
+80℃
-40
-20
0
20
406080
230
240
250
260
270
Top (℃)
Tdelay1-T op
Vdd=1V → 6V
4.0
5.0
6.0
230
240
250
260
270
SUPPLY VOLT AGE (V)
Tdelay1-SUPPLY VOLT AGE
Vdd=1V → SUPP LY VOLTAGE
-30℃
+25℃
+80℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com