Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC Datasheet(PDF) 4 Page - Arch Electronics Corp.

Part # APC
Description  AC-DC Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

APC Datasheet(HTML) 4 Page - Arch Electronics Corp.

  APC Datasheet HTML 1Page - Arch Electronics Corp. APC Datasheet HTML 2Page - Arch Electronics Corp. APC Datasheet HTML 3Page - Arch Electronics Corp. APC Datasheet HTML 4Page - Arch Electronics Corp. APC Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VER : B_3
update : 98.04.09
AC-DC Power Module
APC SERIES
5 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-4-
SCREW TERMINAL
APC-A2
PIN#
Single
Dual
1
FG
FG
2
AC IN (N)
AC IN (N)
3
AC IN (L)
AC IN (L)
4.
NO CONNECT
NO CONNECT
5
-DC OUT
-DC OUT
6
NO CONNECT
COMMON
7
+DC OUT
+DC OUT
8
NO CONNECT
NO CONNECT
APC-A4
PIN#
Single
Dual
1
AC IN
FG
2
NO CONNECT
NO CONNECT
3
-DC OUT
-DC OUT
4.
NO CONNECT
COMMON
5
+DC OUT
+DC OUT
6
NO CONNECT
NO CONNECT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com