Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AQF240D Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AQF240D
Description  AC-DC Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQF240D Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AQF240D Datasheet HTML 1Page - Arch Electronics Corp. AQF240D Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_0
update : 98.09.01
AC-DC Switching Power Supply
AQF240D SERIES
240 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
AQF240D-12S
AQF240D-24S
AQF240D-48S
Max Output Wattage
(W)
200W
240W
240W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
<3.0 A max. (115 VAC) / <1.5 A max. (230 VAC)
Inrush Current (<2ms)
< 30 A max. (115 VAC) / < 60 A max. (230 VAC)
Leakage Current
< 0.5 mA max.
Input
Power Factor
PF>0.98 (115 VAC) / PF>0.95 (230 VAC) at Full Load
Voltage (V.DC.)
12V
24V
48V
Voltage Accuracy
±2%
Current (Convection) (A) max
16.66
10
5
Line Regulation
±1%
Load Regulation
±1%
Minimum Load
0%
Maximum Capacitive Load
470-23,000µF depending on model
Ripple & Noise (max.)
120mVp-p
200mVp-p
Efficiency (typ.)
90%
92%
93%
Hold-up Time
20 ms min.
Output
Switching Frequency
100 kHz
Over Power Protection
Auto recovery
Over Voltage Protection
Latch Off
Protection
Short Circuit Protection
Latch Off
Input-Output (V.AC)
4000V
Input-FG
(V.AC)
2000V
Isolation
Output-FG
.(V.AC)
500V
Operating Temperature
-10°C…+70°C (with derating)
Storage Temperature
-25°C…+85°C
Temperature Coefficient
±0.03%/°C ( 0~50°C )
Humidity
95% RH
MTBF
>50,000 h @ 25°C (MIL-HDBK-217F)
Environment
Vibration
10~500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes.
Dimension (L x W x H)
6.0 x 4.18 x 1.38 Inches
(150.0 x 106.0 x 35.0 mm ) Tolerance
±0.5 mm
Weight
615 g
Physical
Cooling Method
Free convection
Safety
Agency Approvals
CE, UL60950
EMI
(Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
KEY FEATURES
Enclosed Switching Power Supply
Universal Input: 90-264 VAC
With P.F.C. Function, PF>0.95
Free Air Convection
High Efficiency up to 93%
RoHS Compliant Design
Ultra Compact Size: 6.0 x 4.18 x 1.38 Inches
2-Years Product Warranty
1. All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.


Similar Part No. - AQF240D

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF240D_SERIES ARCH-AQF240D_SERIES Datasheet
307Kb / 2P
Enclosed Switching Power Supply
More results

Similar Description - AQF240D

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF120O ARCH-AQF120O Datasheet
251Kb / 4P
AC-DC Switching Power Supply
AQF360F ARCH-AQF360F Datasheet
296Kb / 5P
AC-DC Switching Power Supply
AQF100O ARCH-AQF100O Datasheet
254Kb / 5P
AC-DC Switching Power Supply
AQF120E-180W ARCH-AQF120E-180W Datasheet
294Kb / 6P
AC-DC Switching Power Supply
AQFV480U ARCH-AQFV480U Datasheet
547Kb / 9P
AC-DC Switching Power Supply
logo
Wall Industries,Inc.
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
AC/DC Switching Power Supply
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com