Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # MSC
Description  AC-DC Medical
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MSC Datasheet(HTML) 1 Page - Arch Electronics Corp.

  MSC Datasheet HTML 1Page - Arch Electronics Corp. MSC Datasheet HTML 2Page - Arch Electronics Corp. MSC Datasheet HTML 3Page - Arch Electronics Corp. MSC Datasheet HTML 4Page - Arch Electronics Corp. MSC Datasheet HTML 5Page - Arch Electronics Corp. MSC Datasheet HTML 6Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VER : B_6
update : 98.04.09
AC-DC Medical
MSC SERIES
40 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
MSC-3.3S
MSC-5S
MSC-9S
MSC-12S
MSC-15S
MSC-24S
Max output wattage
( W )
26.4W
40W
40W
40W
40W
40W
Voltage (V.DC.)
3.3V
5V
9V
12V
15V
24V
Current (mA) max
8000
8000
4444
3333
2666
1667
Voltage set accuracy
±2%
±2%
±2%
±2%
±2%
±2%
Line regulation (Typ.)
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
Load regulation (1-100%) (Typ.)
1%
1%
1%
1%
1%
1%
Minimum load
1%
1%
1%
1%
1%
1%
Output
Efficiency (Typ)
75%
79%
82%
83%
83%
83%
Model No.
( Dual Output )
MSC-5D
MSC-12D
MSC-15D
Max output wattage
( W )
40W
40W
40W
Output 1
Output 2
Output 1
Output 2
Output 1
Output 2
Voltage (V.DC.)
+5V
-5V
+12V
-12V
+15V
-15V
Current (mA) max
4000
4000
1666
1666
1333
1333
Voltage set accuracy
±2%
±2%
±2%
Line regulation (Typ.)
0.5%
0.5%
0.5%
Load regulation (10-100%) (Typ.)
1% (symmetric load)
1% (symmetric load)
1% (symmetric load)
Cross regulation (Typ.)
5%
5%
5%
Minimum load
10%
10%
10%
Output
Efficiency (Typ)
79%
83%
83%
Model No.
( Dual Output )
MSC-5S12S
MSC-5S24S
Max output wattage
( W )
40W
40W
Output 1
Output 2
Output 1
Output 2
Voltage (V.DC.)
5V
12V
5V
24V
Current (mA) max
5000
1250
5000
625
Voltage set accuracy
±3%
±5%
±3%
±5%
Line regulation (Typ.)
0.5%
5%
0.5%
5%
Load regulation (10-100%) (Typ.)
2% (symmetric load)
6% (symmetric load)
2% (symmetric load)
6% (symmetric load)
Cross regulation (Typ.)
1%
7%
1%
7%
Minimum load
25%
25%
Output
Efficiency (Typ)
80%
80%
KEY FEATURES
Switching Power Modules for PCB Mounting
Fully Encapsulated Plastic Case
Universal Input Range 90-264VAC, 47-440 Hz
Regulated Output
Low Ripple and Noise
Isolation Class II
CE, CB, UL, cUL, TUV Approvals
3-Years Product Warranty


Similar Part No. - MSC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MSC ADAM-TECH-MSC Datasheet
154Kb / 1P
.100 MINI SHUNTS .100 [2.54] CENTERLINE
logo
MERITEK ELECTRONICS COR...
MSC MERITEK-MSC Datasheet
286Kb / 4P
Safety Chip Capacitors
logo
Neutrik AG
MSC NEUTRIK-MSC Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
logo
TE Connectivity Ltd
MSC TEC-MSC Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Arch Electronics Corp.
MSC-12D-E1 ARCH-MSC-12D-E1 Datasheet
503Kb / 6P
AC-DC Medical
More results

Similar Description - MSC

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PBM25US05 XPPOWER-PBM25US05 Datasheet
69Kb / 2P
AC-DC Medical
logo
Arch Electronics Corp.
AEC60 ARCH-AEC60 Datasheet
153Kb / 2P
AC-DC Medical
MSC-E1 ARCH-MSC-E1 Datasheet
503Kb / 6P
AC-DC Medical
MTC ARCH-MTC Datasheet
544Kb / 6P
AC-DC Medical
MTC-E1 ARCH-MTC-E1 Datasheet
546Kb / 6P
AC-DC Medical
MSC-E1 ARCH-MSC-E1_12 Datasheet
239Kb / 3P
AC-DC Medical
MTC-E1 ARCH-MTC-E1_12 Datasheet
235Kb / 3P
AC-DC Medical
logo
Delta Electronics, Inc.
MDS-030AAC DELTA-MDS-030AAC Datasheet
1Mb / 9P
Medical AC-DC Adapter
MDS-060AAS15B DELTA-MDS-060AAS15B Datasheet
617Kb / 10P
Medical AC-DC Adapter
MDS-090AAS19F DELTA-MDS-090AAS19F Datasheet
577Kb / 10P
Medical AC-DC Adapter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com