Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # MTC
Description  AC-DC Medical
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MTC Datasheet(HTML) 1 Page - Arch Electronics Corp.

  MTC Datasheet HTML 1Page - Arch Electronics Corp. MTC Datasheet HTML 2Page - Arch Electronics Corp. MTC Datasheet HTML 3Page - Arch Electronics Corp. MTC Datasheet HTML 4Page - Arch Electronics Corp. MTC Datasheet HTML 5Page - Arch Electronics Corp. MTC Datasheet HTML 6Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VER : B_3
update : 98.04.09
AC-DC Medical
MTC SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
MTC-3.3S
MTC-5S
MTC-7.35S
MTC-9S
MTC-12S
MTC-15S
MTC-24S
Max output wattage
( W )
9.9W
15W
15W
15W
15W
15W
15W
Voltage (V.DC.)
3.3V
5V
7.35V
9V
12V
15V
24V
Current (mA) max
3000
3000
2040
1666
1250
1000
625
Voltage set accuracy
±2%
±2%
±2%
±2%
±2%
±2%
±2%
Line regulation (Max..)
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
Load regulation (0-100%) (Max.)
1%
1%
1%
1%
1%
1%
1%
Minimum load
0%
0%
0%
0%
0%
0%
0%
Output
Efficiency (Typ)
74%
78%
79%
79%
81%
81%
83%
Model No.
( Dual Output )
MTC-5D
MTC-12D
MTC-15D
Max output wattage
( W )
15W
15W
15W
Output 1
Output 2
Output 1
Output 2
Output 1
Output 2
Voltage (V.DC.)
+5V
-5V
+12V
-12V
+15V
-15V
Current (mA) max
1500
1500
625
625
500
500
Voltage set accuracy
±2%
±2%
±2%
Line regulation (Max.)
0.5%
0.5%
0.5%
Load regulation (10-100%) (Max.)
1% (symmetric load)
1% (symmetric load)
1% (symmetric load)
Cross regulation
5%
3%
3%
Minimum load
10%
10%
10%
Output
Efficiency (Typ)
78%
80%
81%
Model No.
( Triple Output )
MTC-5S12D
MTC-5S15D
Max output wattage
( W )
15W
15W
Output 1
Output 2
Output 3
Output 1
Output 2
Output 3
Voltage (V.DC.)
5
+12
-12
5
+15
-15
Current (mA) max
2000
200
200
2000
150
150
Voltage set accuracy
±2%
±3%
±2%
±3%
Line regulation (Max..)
0.5%
2%
0.5%
2%
Load regulation (10-100%) (Max.)
1%
5% (symmetric load)
1%
5% (symmetric load)
Cross regulation
1%
5%
1%
5%
Minimum load
25%
25%
Output
Efficiency (Typ)
78%
78%
KEY FEATURES
Switching Power Modules for PCB Mounting
Fully Encapsulated Plastic Case
Universal Input Range 90-264VAC, 47-440 Hz
Regulated Output
Low Ripple and Noise
Isolation Class II
UL60601-1 / IEC60601-1 / EC60601-1 Medical Safety Approvals
3-Years Product Warranty


Similar Part No. - MTC

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MTC XPPOWER-MTC Datasheet
200Kb / 4P
35150 Watts Series
logo
Arch Electronics Corp.
MTC-12D-E1 ARCH-MTC-12D-E1 Datasheet
546Kb / 6P
AC-DC Medical
MTC-12S ARCH-MTC-12S Datasheet
241Kb / 3P
Switching Power Modules for PCB Mounting
MTC-12S-E1 ARCH-MTC-12S-E1 Datasheet
546Kb / 6P
AC-DC Medical
MTC-12S-E1 ARCH-MTC-12S-E1 Datasheet
235Kb / 3P
AC-DC Medical
More results

Similar Description - MTC

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PBM25US05 XPPOWER-PBM25US05 Datasheet
69Kb / 2P
AC-DC Medical
logo
Arch Electronics Corp.
AEC60 ARCH-AEC60 Datasheet
153Kb / 2P
AC-DC Medical
MSC ARCH-MSC Datasheet
503Kb / 6P
AC-DC Medical
MSC-E1 ARCH-MSC-E1 Datasheet
503Kb / 6P
AC-DC Medical
MTC-E1 ARCH-MTC-E1 Datasheet
546Kb / 6P
AC-DC Medical
MSC-E1 ARCH-MSC-E1_12 Datasheet
239Kb / 3P
AC-DC Medical
MTC-E1 ARCH-MTC-E1_12 Datasheet
235Kb / 3P
AC-DC Medical
logo
Delta Electronics, Inc.
MDS-030AAC DELTA-MDS-030AAC Datasheet
1Mb / 9P
Medical AC-DC Adapter
MDS-060AAS15B DELTA-MDS-060AAS15B Datasheet
617Kb / 10P
Medical AC-DC Adapter
MDS-090AAS19F DELTA-MDS-090AAS19F Datasheet
577Kb / 10P
Medical AC-DC Adapter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com