Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF30 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # SF30
Description  Encapsulated DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SF30 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  SF30 Datasheet HTML 1Page - Arch Electronics Corp. SF30 Datasheet HTML 2Page - Arch Electronics Corp. SF30 Datasheet HTML 3Page - Arch Electronics Corp. SF30 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VER : C_1
update : 98.04.09
Encapsulated DC-DC Converter
SF30 SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
Model No.
( Dual Output )
SF30-24-5D
SF30-48-5D
SF30-24-12D
SF30-48-12D
SF30-24-15D
SF30-48-15D
Max Output Wattage (W)
30W
Input
Input Filter
π type
Voltage (V.DC.)
±5
±12
±15
Voltage Accuracy
±2%
Current (mA) max
±3000
±1250
±1000
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±1%
Ripple
±1%
Noise
±1%
Trim
±10%
Output
Switching Frequency
250KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>550,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.0 x 1.6 x 0.47 Inches ( 50.8 x 40.6 x 11.9 mm ) Tolerance
±0.5 mm
Case Material
Nickel-Coated Copper with Non-Conductive Base, Six-side shielded.
Weight
58 g
Physical
Cooling Method
Free-air convection
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
OUTPUT NOISE
The output noise is measured with 10
μF tantalum capacitor and 0.1μF ceramic capacitor across output.
MECHANICAL DIMENSION
( Top View )
PIN#
Single
Dual
1
CTRL
CTRL
2
-DC IN
-DC IN
3
+DC IN
+DC IN
4
TRIM
TRIM
5
-DC OUT
-DC OUT
6
+DC OUT
COMMON
7
NO PIN
+DC OUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com