Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDL1216CFBJ Datasheet(PDF) 13 Page - Elpida Memory

Part # EDL1216CFBJ
Description  128M bits Mobile RAM?
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDL1216CFBJ Datasheet(HTML) 13 Page - Elpida Memory

Back Button EDL1216CFBJ Datasheet HTML 9Page - Elpida Memory EDL1216CFBJ Datasheet HTML 10Page - Elpida Memory EDL1216CFBJ Datasheet HTML 11Page - Elpida Memory EDL1216CFBJ Datasheet HTML 12Page - Elpida Memory EDL1216CFBJ Datasheet HTML 13Page - Elpida Memory EDL1216CFBJ Datasheet HTML 14Page - Elpida Memory EDL1216CFBJ Datasheet HTML 15Page - Elpida Memory EDL1216CFBJ Datasheet HTML 16Page - Elpida Memory EDL1216CFBJ Datasheet HTML 17Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
EDL1216CFBJ
Preliminary Data Sheet E1137E51 (Ver. 5.1)
13
Auto refresh command (/CS, /RAS, /CAS = Low, /WE, CKE = High)
This command is a request to begin the Auto refresh operation. The refresh address is generated internally.
Before executing Auto refresh, all banks must be precharged.
After this cycle, all banks will be in the idle
(precharged) state and ready for a row activate command. During tRC1 period (from refresh command to refresh or
activate command), the Mobile RAM cannot accept any other command
Add
A10
BA0, BA1
/WE
/CAS
/RAS
/CS
CKE
CLK
H
Auto refresh command
Self refresh entry command (/CS, /RAS, /CAS, CKE = Low, /WE = High)
After the command execution, self refresh operation continues while CKE remains low. When CKE goes high, the
Mobile RAM exits the self refresh mode. During self refresh mode, refresh interval and refresh operation are
performed internally, so there is no need for external control. Before executing self refresh, all banks must be
precharged.
/WE
/CAS
/RAS
/CS
CKE
CLK
Add
A10
BA0, BA1
Self refresh entry command
Power down entry command (/CS, CKE = Low, /RAS, /CAS, /WE = High)
After the command execution, power down mode continues while CKE remains low. When CKE goes high, the
Mobile RAM exits the power down mode. Before executing power down, all banks must be precharged.
/WE
/CAS
/RAS
/CS
CKE
CLK
Add
A10
BA0, BA1
Power down entry command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com