Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAL2014-50 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LAL2014-50
Description  Broadband Access Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LAL2014-50 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LAL2014-50 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LAL2014-50
Broadband Access Transformer
Designed to meet UL 60950 and EN 60950 requirements for supplementary insulation and
250V working voltage
RoHS Compliant
Excellent THD performance
Operating Temperature -40°C to 85°C
Electrical Specifications @25℃
OCL:
PIN 16-9= 2.0mH ±6% @ 10KHz/0.1V/Ser.
PIN 1-4= 10uH ±5.0
@ 100KHz/0.1V
Leakage
Inductance:
PIN 5-8= 0.4uH ± 0.5
@ 100KHz/0.1V
PIN 1-16= 9.0 pF ± 5.0
@ 100KHz/0.1V
IInterwinding
Capacitance
PIN 5-16= 13 pF ± 5.0
PIN 1-8= 17 pF ± 5.0
PIN 16-9 to PIN 1-4= -82dB Max. @ 30KHz/3.162V
T.H.D
PIN 16-9 to PIN 5-8= -82dB Max. @ 30KHz/3.162V
PIN 1-4 = 2.3 ohm Max.
D.C.R:
PIN 5-8 = 625 mohm Max.
PIN 16-9 = 1.15 ohm Max.
Hi-POT :
PRI. – SEC. =1875VAC/60Hz/2Seconds/1mA
PIN16-9 : PIN 1-4 = 1±2% :1
Turn Ratio:
PIN16-9 : PIN 5-8 = 4.29±2% :1
Dimensions (Units: mm)
Schematic
Mark
1.LAL****----LAL2014
2. X----PRODUCT LINE
3. DATE CODE----YYWW
4. G----RoHS
16
1
3
2
4
5
7
6
8
11
14
9
SEC
PRI
LINE
Rx
Tx
LAL****
X DATE CODE G
LinkCom
B
12.6±0.5
A
0.5TYP.
0.7TYP.
13.5±0.5
G
F
13.5±0.5
C
13.0±0.5
15.5±0.5
17.0
D
E
+1.0
-0.5
SUGGESTED PAD LAYOUT
3.40
5.10
3.40
1.00
PIN1
1.70
1.70
1.7±0.3
3.4±0.3
5.1±0.3
Form Ver. A


Similar Part No. - LAL2014-50

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LAL2014-52 LINKCOM-LAL2014-52 Datasheet
40Kb / 1P
Broadband Access Transformer
More results

Similar Description - LAL2014-50

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LAL0391-50 LINKCOM-LAL0391-50 Datasheet
86Kb / 1P
Broadband Access Transformer
LAL0392-51 LINKCOM-LAL0392-51 Datasheet
87Kb / 1P
Broadband Access Transformer
LAL0660-50 LINKCOM-LAL0660-50 Datasheet
87Kb / 1P
Broadband Access Transformer
LAL1222-51 LINKCOM-LAL1222-51 Datasheet
82Kb / 1P
Broadband Access Transformer
LAL1223-52 LINKCOM-LAL1223-52 Datasheet
82Kb / 1P
Broadband Access Transformer
LAL1241-50 LINKCOM-LAL1241-50 Datasheet
85Kb / 1P
Broadband Access Transformer
LAL1243-50 LINKCOM-LAL1243-50 Datasheet
86Kb / 1P
Broadband Access Transformer
LAL2029-71 LINKCOM-LAL2029-71 Datasheet
40Kb / 1P
Broadband Access Transformer
LAL0683-75 LINKCOM-LAL0683-75 Datasheet
79Kb / 1P
Broadband Access Transformer
LAL2043-51 LINKCOM-LAL2043-51 Datasheet
47Kb / 1P
Broadband Access Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com