Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS181 Datasheet(PDF) 2 Page - Weitron Technology

Part # 1SS181
Description  Surface Mount Switching Diodes 100m AMPERES 80 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1SS181 Datasheet(HTML) 2 Page - Weitron Technology

  1SS181 Datasheet HTML 1Page - Weitron Technology 1SS181 Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum Ratings (TJ=125˚C Unless otherwise noted)
Characteristic
Reverse Voltage
Forward Current
Power Dissipation
Operating Junction Temperature Range
Storage Temperature Range
Symbol
VR
IF
PD
TJ
Tstg
Value
Unit
80
100
150
-55 to +150
-55 to +150
V
mA
mW
°C
Electrical Characteristics (TJ=125˚C Unless otherwise noted)
Characteristic
Symbol
Reverse Breakdown Voltage
IR=100µA
Forward Voltage
IF=100mA
Total Capacitance
VR=0V, f=1.0MHz
Reverse Leakage
VR=80V
Reverse Recover Time
V(BR)
VF
CD
IR
Trr
Min
Max
Unit
80
-
-
-
-
-
1.2
4.0
0.5
4
V
V
pF
µA
nS
Device Marking
Item
Marking
Eqivalent Circuit diagram
1
3
1
3
2
3
2
3
1
2
3
1
2
3
1SS181
1SS184
1SS187
1SS190
1SS193
1SS196
1SS226
A3
B3
D3
E3
F3
G3
C3
1
2
3
http://www.weitron.com.tw
WEITRON
°C
2/2
06-Sep-06
1SS181/1SS184/1SS187
1SS190/1SS193/1SS196/1SS226



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com