Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2411K Datasheet(PDF) 2 Page - Weitron Technology

Part # 2SC2411K
Description  NPN General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC2411K Datasheet(HTML) 2 Page - Weitron Technology

  2SC2411K Datasheet HTML 1Page - Weitron Technology 2SC2411K Datasheet HTML 2Page - Weitron Technology 2SC2411K Datasheet HTML 3Page - Weitron Technology 2SC2411K Datasheet HTML 4Page - Weitron Technology 2SC2411K Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
250
-
-
V
2SC2411K
Rank
Range
P
S
82-180
270-560
R
180-390
120-270
0.4
WEITRON
http://www.weitron.com.tw
Characteristics
Symbol
Min
Max
Typ
Unit
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICBO
IEBO
5.0
-
-
-
-
-
1.0
V
V
V
µA
µA
32
40
1.0
-
-
-
-
-
ELECTRICAL CHARACTERISTICS
Q
Marking
CP
CRS
CR
CQ
SMALL-SIGNAL CHARACTERISTICS
Transition frequence
VCE = 5V, IE = -20mA, f = 100Mhz
MHz
fT
-
6.0
-
Output Capacitance
VCB = 10V, IE =0mA, f=1Mhz
pF
C ob
-
Collector-Emitter Saturation Voltage
IC = 500mA, IB = 50mA
VCE(sat)
-
-
82
390
DC Current Transfer Ration
VCE = 3V
hFE
ON CHARACTERISTICS
VEB = 4V, IC = 0
VCB = 20V, IE = 0
Emitter-Base Breakdown Voltage
IE= 100µA, IC=0
Collector-Emitter Breakdown Voltage
IC = 1mA, IB = 0
Collector-Base Breakdown Voltage
IC = 100µA, IE = 0
CLASSIFICATION hFE
2/5
22-May-08



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com