Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTAM65 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTAM65
Description  65 Watt Single Output AC/DC Medical Desktop Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTAM65 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTAM65 Datasheet HTML 1Page - Wall Industries,Inc. DTAM65 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTAM65 Series
65 Watt
Single Output
AC/DC Medical Desktop Adapter
OUTPUT VOLTAGE / CURRENT RATING CHART
Model
Output Voltage
Output Current
Output Power
Output Regulation
Ripple & Noise
DTAM040A1Y05X
5 VDC
8A
40W
5%
100mVp-p
DTAM060A1Y12X
12 VDC
5A
60W
5%
120mVp-p
DTAM060A1Y15X
15 VDC
4A
60W
5%
150mVp-p
DTAM065A1Y18X
18 VDC
3.6A
64.8W
3%
180mVp-p
DTAM065A1Y24X
24 VDC
2.7A
64.8W
3%
240mVp-p
DTAM065A1Y36X
36 VDC
1.8A
64.8W
3%
360mVp-p
DTAM065A1Y48X
48 VDC
1.35A
64.8W
3%
480mVp-p
NOTES
1. The suffix X can be blank for no LED or L for a green LED. Contact factory for ordering details.
2. Ripple & Noise is measured at 20MHz bandwidth with a tantalum 10uF in parallel with a 0.1uF ceramic capacitor.
MECHANICAL DRAWING
STANDARD OUTPUT CABLE
1. AWM 1185#18AWG 1C+SHIELDING, UL 80°C 300V VW-1, 1800mm.
2. AWM 1571#14~16AWG 1C+SHIELDING, UL 80°C 30V VW-1, 1800mm.
3. Depends on customer’s requirements.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com