Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4060A Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT4060A
Description  Wide Input 2A Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4060A Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT4060A Datasheet HTML 1Page - Active-Semi, Inc ACT4060A Datasheet HTML 2Page - Active-Semi, Inc ACT4060A Datasheet HTML 3Page - Active-Semi, Inc ACT4060A Datasheet HTML 4Page - Active-Semi, Inc ACT4060A Datasheet HTML 5Page - Active-Semi, Inc ACT4060A Datasheet HTML 6Page - Active-Semi, Inc ACT4060A Datasheet HTML 7Page - Active-Semi, Inc ACT4060A Datasheet HTML 8Page - Active-Semi, Inc ACT4060A Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACT4060A
Rev 0, 28-Apr-09
Innovative Power
TM
- 3 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNIT
IN Supply Voltage
-0.3 to 28
V
SW Voltage
-1 to VIN + 1
V
BS Voltage
VSW - 0.3 to VSW + 8
V
EN, FB, COMP Voltage
-0.3 to 6
V
Continuous SW Current
Internally Limited
A
Junction to Ambient Thermal Resistance (θJA)
105
°C/W
Maximum Power Dissipation
0.76
W
Operating Junction Temperature
-40 to 150
°C
Storage Temperature
-55 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
VOUT = 3.3V, ILOAD = 0A to 1A
4.5
24
V
Feedback Voltage
VFB
4.5V ≤ VIN ≤ 24V, VCOMP = 1.5V
1.267
1.293
1.319
V
High-Side Switch On Resistance
RONH
0.18
Ω
Low-Side Switch On Resistance
RONL
4.5
Ω
SW Leakage
VEN = 0
0
10
µA
Current Limit
ILIM
2.4
2.85
A
COMP to Current Limit
Transconductance
GCOMP
VIN = 12V, VOUT = 5V
1.8
A/V
Error Amplifier Transconductance
GEA
ΔICOMP = ±10µA
650
µA/V
Error Amplifier DC Gain
AVEA
4000
V/V
Switching Frequency
fSW
350
400
450
kHz
Short Circuit Switching Frequency
VFB = 0
60
kHz
Maximum Duty Cycle
DMAX
VFB = 1.1V
95
%
Minimum Duty Cycle
VFB = 1.4V
0
%
Enable Threshold Voltage
Hysteresis = 0.1V
0.7
1
1.3
V
Enable Pull-Up Current
Pin pulled up to 4.5V typically
when left unconnected
2
µA
Supply Current in Shutdown
VEN = 0
10
20
µA
IC Supply Current in Operation
VEN = 3V, VFB = 1.4V
0.55
mA
Thermal Shutdown Temperature
Hysteresis = 10°C
160
°C
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com