Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4060ASH Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT4060ASH
Description  Wide Input 2A Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4060ASH Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT4060ASH Datasheet HTML 2Page - Active-Semi, Inc ACT4060ASH Datasheet HTML 3Page - Active-Semi, Inc ACT4060ASH Datasheet HTML 4Page - Active-Semi, Inc ACT4060ASH Datasheet HTML 5Page - Active-Semi, Inc ACT4060ASH Datasheet HTML 6Page - Active-Semi, Inc ACT4060ASH Datasheet HTML 7Page - Active-Semi, Inc ACT4060ASH Datasheet HTML 8Page - Active-Semi, Inc ACT4060ASH Datasheet HTML 9Page - Active-Semi, Inc ACT4060ASH Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ACT4060A
Rev 0, 28-Apr-09
Innovative Power
TM
- 6 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
STABILITY COMPENSATION
STEP 2. Set the zero fZ1 at 1/4 of the cross over
frequency. If RCOMP is less than 15kΩ, the equation
for CCOMP is:
If RCOMP is limited to 15kΩ, then the actual cross
over frequency is 3.4 / (VOUTCOUT). Therefore:
STEP 3. If the output capacitor’s ESR is high
enough to cause a zero at lower than 4 times the
cross over frequency, an additional compensation
capacitor CCOMP2 is required. The condition for using
CCOMP2 is:
And the proper value for CCOMP2 is:
Though CCOMP2 is unnecessary when the output ca-
pacitor has sufficiently low ESR, a small value
CCOMP2 such as 100pF may improve stability against
PCB layout parasitic effects.
Table 2 shows some calculated results based on
the compensation method above.
Table 2:
Typical Compensation for Different Output
Voltages and Output Capacitors
VOUT
COUT
RCOMP
CCOMP CCOMP2
2.5V
22μF Ceramic
8.2kΩ
2.2nF
None
3.3V
22μF Ceramic
12kΩ
1.5nF
None
5V
22μF Ceramic
15kΩ
1.5nF
None
2.5V
47μF SP CAP
15kΩ
1.5nF
None
3.3V
47μF SP CAP
15kΩ
1.8nF
None
5V
47μF SP CAP
15kΩ
2.7nF
None
2.5V
470μF/6.3V/30mΩ
15kΩ
15nF
1nF
3.3V
470μF/6.3V/30mΩ
15kΩ
22nF
1nF
5V
470μF/6.3V/30mΩ
15kΩ
27nF
None
: CCOMP2 is needed for high ESR output capacitor.
Figure 3 shows an example ACT4060A application circuit gener-
ating a 2.5V/2A output.
COMP
ESRCOUT
OUT
2
COMP
R
R
C
C
=
(13)
Figure 2:
Stability Compensation
(10)
(F)
COMP
5
COMP
R
10
8
.
1
C
−
×
=
(11)
(F)
OUT
OUT
5
COMP
C
V
10
2
.
1
C
−
×
=
: CCOMP2 is needed only for high ESR output capacitor
The feedback loop of the IC is stabilized by the
components at the COMP pin, as shown in Figure 2.
The DC loop gain of the system is determined by
the following equation:
The dominant pole P1 is due to CCOMP:
And finally, the third pole is due to RCOMP and
CCOMP2 (if CCOMP2 is used):
The following steps should be used to compensate
the IC:
STEP 1. Set the cross over frequency at 1/10 of the
switching frequency via RCOMP:
but limit RCOMP to 15kΩ maximum.
The first zero Z1 is due to RCOMP and CCOMP:
The second pole P2 is the output pole:
COMP2
COMP
3
P
C
R
π
2
1
f
=
(8)
(Ω)
(9)
V
3
.
1
G
G
10
f
C
V
π
2
R
COMP
EA
SW
OUT
OUT
COMP
×
=
OUT
OUT
8
C
V
10
7
.
1
×
=
(4)
COMP
VEA
OUT
VDC
G
A
I
V
3
.
1
A
=
(5)
COMP
VEA
EA
1
P
C
A
π
2
G
f
=
(6)
OUT
OUT
OUT
2
P
C
V
π
2
I
f
=
(12)
(Ω)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
≥
−
OUT
OUT
6
ESRCOUT
V
012
.
0
,
C
10
1
.
1
Min
R
(7)
COMP
COMP
1
Z
C
R
2
1
f
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com