Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8332 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT8332
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8332 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT8332 Datasheet HTML 1Page - Active-Semi, Inc ACT8332 Datasheet HTML 2Page - Active-Semi, Inc ACT8332 Datasheet HTML 3Page - Active-Semi, Inc ACT8332 Datasheet HTML 4Page - Active-Semi, Inc ACT8332 Datasheet HTML 5Page - Active-Semi, Inc ACT8332 Datasheet HTML 6Page - Active-Semi, Inc ACT8332 Datasheet HTML 7Page - Active-Semi, Inc ACT8332 Datasheet HTML 8Page - Active-Semi, Inc ACT8332 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ACT8332
Rev0, 14-Mar-08
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
VP1
Power Input for REG1. Bypass to GP1 with a high quality ceramic capacitor placed as close as
possible to the IC.
2
SW1
Switching node Output for REG1. Connect this pin to the switching end of the inductor.
3
GP1
Power Ground for REG1. Connect GA, GP1 together at a single point as close to the IC as
possible.
4
OUT2
Output voltage for REG2. Capable of delivering up to 360mA of output current. Output has
high impedance when disabled.
5
INL
Power input for REG2, REG3. Bypass to GA with a high quality ceramic capacitor placed as
close as possible to the IC.
6
OUT3
Output voltage for REG3. Capable of delivering up to 360mA of output current. Output has
high impedance when disabled.
7
GA
Analog Ground. Connect GA directly to a quiet ground node. Connect GA, GP1 together at a
single point as close to the IC as possible.
8
ON1
Enable control input for REG1, REG2. Drive ON1 to the VP1 or a logic high for normal
operation, drive to GA or a logic low to disable REG1, REG2
9
ON3
Enable control input for REG3. Drive ON3 to the INL or a logic high for normal operation, drive
to GA or a logic low to disable REG3
10
FB1
Output Feedback Sense. For fixed output voltage options REG1, connect this pin directly to
the output node to connect the internal feedback network to the output voltage. For adjustable
output voltage Options REG1. The voltage at this pin is regulated to 0.625V. Connect this pin
to the center point of the output voltage feedback network between OUT1 and GA to set the
output voltage.
EP
EP
Exposed Pad. Must be soldered to ground on PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com