Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8342 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT8342
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8342 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT8342 Datasheet HTML 1Page - Active-Semi, Inc ACT8342 Datasheet HTML 2Page - Active-Semi, Inc ACT8342 Datasheet HTML 3Page - Active-Semi, Inc ACT8342 Datasheet HTML 4Page - Active-Semi, Inc ACT8342 Datasheet HTML 5Page - Active-Semi, Inc ACT8342 Datasheet HTML 6Page - Active-Semi, Inc ACT8342 Datasheet HTML 7Page - Active-Semi, Inc ACT8342 Datasheet HTML 8Page - Active-Semi, Inc ACT8342 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ACT8342
Rev0, 26-May-08
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
nIRQ
Open-Drain Push-Button Status Output. nIRQ is an open-drain output which sinks current
when nMSTR is asserted or when a fault-condition occurs. If interrupts are not masked.
2
nMSTR
Master Enable Input. Drive nMSTR to GA or to a logic low to enable the IC.
3
nRSTO
Open-Drain Reset Output. nRSTO asserts low for the reset timeout period of 300ms whenever
the IC is enabled.
4
OUT1
Output Feedback Sense for REG1. Connect this pin directly to the output node to connect the
internal feedback network to the output voltage.
5
VP1
Power Input for REG1. Bypass to GP1 with a high quality ceramic capacitor placed as close as
possible to the IC.
6
SW1
Switching node Output for REG1. Connect this pin to the switching end of the inductor.
7
GP1
Power Ground for REG1. Connect GA, GP1 together at a single point as close to the IC as
possible.
8
OUT2
Output voltage for REG2. Capable of delivering up to 80mA of output current. Output has high
impedance when disabled.
9
INL
Power input for REG2, REG3. Bypass to GA with a high quality ceramic capacitor placed as
close as possible to the IC.
10
OUT3
Output voltage for REG3. Capable of delivering up to 150mA of output current. Output has
high impedance when disabled.
11
ON2
Enable Control Input for REG2. Drive ON2 to INL or to a logic high for normal operation, drive
to GA or a logic low to disable REG2.
12
ON1
Enable control input for REG1. Drive ON1 to the VP1 or a logic high for normal operation, drive
to GA or a logic low to disable REG1.
13
REFBP
Reference Noise Bypass. Connect a 0.01µF ceramic capacitor from REFBP to GA. This pin is
discharged to GA in shutdown.
14, 16
GA
Analog Ground. Connect GA directly to a quiet ground node. Connect GA, GP1 together at a
single point as close to the IC as possible.
15
ON3
Enable control input for REG3. Drive ON3 to the INL or a logic high for normal operation, drive
to GA or a logic low to disable REG3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com