Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8740 Datasheet(PDF) 33 Page - Active-Semi, Inc

Part # ACT8740
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8740 Datasheet(HTML) 33 Page - Active-Semi, Inc

Back Button ACT8740_08 Datasheet HTML 29Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 30Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 31Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 32Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 33Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 34Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 35Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 36Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 37Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
SINGLE-CELL Li+ BATTERY CHARGER (CHGR)
ACT8740
Rev PrB, 25-Feb-08
Innovative Products. Active Solutions.
- 33 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
ELECTRICAL CHARACTERISTICS
(VVIN = 5V, VBAT = 3.6V, ISET1[ ] = [0000], TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN Operating Voltage Range
4.3
6
V
VIN UVLO Threshold
VIN Voltage Rising
3.75
4
4.25
V
VIN UVLO Hysteresis
VIN Voltage Falling
500
mV
On-Resistance
300
500
mΩ
Battery Termination Voltage
TA = 25°C
4.179
4.200
4.221
V
VVIN = 4.5V to 5.5V, TA = 0°C to 85°C
4.158
4.200
4.242
V
Line Regulation
VVIN = 4.5V to 5.5V, IBAT = 10mA
0.2
%/V
Load Regulation
IBAT = 50mA to 500mA
0.001
%/mA
Charge Current
VBAT = 4V, CHGLEV = GA
90
100
mA
VBAT = 4V, CHGLEV = VSYS
400
450
500
mA
Precondition Charge Current
VBAT = 2.7V, CHGLEV = GA or VSYS
30
45
60
mA
Precondition Threshold Voltage
VBAT Voltage Rising
2.75
2.9
3.05
V
Precondition Threshold Hysteresis
VBAT Voltage Falling
150
mV
End-of-Charge Current Threshold
VBAT = 4.2V, CHGLEV = VSYS
20
38
56
mA
End-of-Charge Delay
4
min
Charge Restart Threshold
VSET[ ] - VBAT, VBAT Falling
200
mV
Thermal Regulation Threshold
110
°C
BAT Reverse Leakage Current
VBAT = 4.2V, VIN = GA or BAT
0.4
2
µA
VIN Supply Current
VVIN < UVLO Voltage
50
µA
SLEEP, SUSPEND or TIMEOUT-FAULT
state
200
µA
PRECONDITION, FAST-CHARGE, or
TOP-OFF state
700
µA
Precondition Timeout Period
TIMOSET[ ] = [10]
90
min
CHGLEV Logic High Input Voltage
ICHGLEV ≥ 15µA
1.4
V
CHGLEV Tri-state Current Threshold
-2
2
µA
CHGLEV Logic Low Input Voltage
ICHGLEV ≤ -15µA
0.4
V
Total Timeout Period
TIMOSET[ ] = [10]
4
hr
: Charger is suspended when CHGLEV pin current is within this range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com