Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8796 Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT8796
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8796 Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT8796_08 Datasheet HTML 17Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 18Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 19Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 20Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 21Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 22Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 23Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 24Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
STEP-DOWN DC/DC CONVERTERS
ACT8796
Rev1, 10-Oct-08
Innovative Power
TM
- 21 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
VP2 Voltage (V)
5.5
0
REG2 MOSFET Resistance
500
400
300
200
100
5.0
4.5
4.0
3.5
3
PMOS
NMOS
TYPICAL PERFORMANCE CHARACTERISTICS
REG1 Efficiency vs. Load Current
100
1000
Output Current (mA)
95
85
75
65
1
10
100
VOUT1 = 1.2V
3.6V
4.2V
90
80
70
60
REG2 Efficiency vs. Load Current
1000
Output Current (mA)
1
10
100
OUT2 Regulation Voltage
0.545
Temperature (°C)
-20
0
20
40
60
0.363
0.181
0.000
-0.181
-0.363
85
IOUT2 = 35mA
3.6V
VOUT2 = 2.8V
VP1 Voltage (V)
5.5
0
REG1 MOSFET Resistance
500
400
300
200
100
5.0
4.5
4.0
3.5
3
PMOS
NMOS
OUT1 Regulation Voltage
0.545
Temperature (°C)
-20
0
20
40
60
0.363
0.181
0.000
-0.181
-0.363
85
IOUT1 = 35mA
-0.545
-0.545
-40
-40
4.2V
100
95
85
75
65
90
80
70
60
(ACT8796QLCIA, VVP1 = VVP2 = VVP3 = 3.6V, L = 3.3µH, CVP1 = CVP2 = CVP3 = 2.2µF, COUT1 = COUT2 = COUT3 = 10µF, TA = 25°C, unless
otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com