Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT5830_08 Datasheet HTML 1Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 2Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 3Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 4Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 5Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 6Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 7Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 8Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
ACT5830
Rev PrB, 05-Mar-08
Innovative Power
TM
- 3 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
FUNCTIONAL BLOCK DIAGRAM
Charge
Control
VP
GP
SW
nRST
CHG_IN
BAT
2.9V
PRE-
CONDITION
CURRENT
SENSE
VOLTAGE
SENSE
110°C
THERMAL
REGULATION
OUT1
4.0V
VINUVLO
nENCHG
4.3V to 6V
VBUCK
BODY AND
VSYS
CONTROL
To Battery
AC Adaptor
or USB
+
Li+ Battery
nACOK
VICHG
BATID
Reset
OUT1
LDO1
OUT2
LDO2
OUT3
LDO3
OUT4
LDO4
OUT5
LDO5
OUT6
LDO6
OUT7
LDO7
OUT8
LDO8
System
Control
PWR_HOLD
nON
HF_PWR
PWR_ON
SDA
SCL
IN1
IN2
To LDOs
To LDOs
TCXO_EN
RX_EN
TX_EN
ODI1
Open-Drain
#1
ODI2
OD1
OD2
Open-Drain
#2
OUT1
BAT
Voltage Reference
REF
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
VBUCK
ACT5830
Active-Semi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com