Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1A2 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # 1A2
Description  1 Amp Miniature Plasftic Silicon Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1A2 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  1A2 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1A2 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1A1 thru 1A7
20
10
4
2
1.0
.4
.2
.1
.04
.02
.01
.6
¡@¡@
.8
¡@¡@
1.0
¡@
1.2
¡@
1.4
1.5
Tj=25¢J
Pulse Width = 300 £gs
2% Duty Cycle
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0
20
60
80
100
120
1,000
100
10
1
0.1
0.01
Tj = 150¢J
Tj = 150¢J
Tj = 100¢J
Tj = 25¢J
PERCENTAGE OF PEAK REVERSE VOLTAGE, %
Fig. 1-TYPICAL FORWARD CHARACTERISTICS
Fig. 2-TYPICAL REVERSE CHARACTERISTICS
30
24
18
12
6
1
2
4
6
8 10
20
60 80 100
40
NUMBER OF CYCLES AT 60Hz
.01
.02 .04
0.1
0.2 0.4
1.0
2
4
10
1000
600
400
200
100
60
40
20
10
SQUARE
= 200A /£gs
di
dt
PULSE DURATION, MILISECONDS
Fig. 3-MAXIMUM OVERLOAD SURGE-CURRENT
Fig. 4-PEAK FORWARD SURGE CURRENT
1.6
1.4
1.2
1.0
.8
.6
.4
.2
0
0
20
40
60
80
120
140
160
180
MAXIMUM AVERAGE CURRENT RATING SINGLE PHASE,
WAVE, 60Hz RESISTIVE OR INDUCTIVE LOADD .375"(9mm)
LENGTHS
AMBIENT TEMPERATURE, ¢J
Fig. 5-FORWARD DERATING CURVE
www.cnelectr .com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com