Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5550G Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # MMBT5550G
Description  High Voltage Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MMBT5550G Datasheet(HTML) 2 Page - Zowie Technology Corporation

  MMBT5550G Datasheet HTML 1Page - Zowie Technology Corporation MMBT5550G Datasheet HTML 2Page - Zowie Technology Corporation MMBT5550G Datasheet HTML 3Page - Zowie Technology Corporation MMBT5550G Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
h
FE
––
(I C = 1.0 mAdc, V CE = 5.0 Vdc)
80
—
(I C = 10 mAdc, V CE = 5.0 Vdc)
20
250
(I C = 50 mAdc, V CE = 5.0Vdc)
30
—
Collector–Emitter Saturation Voltage
V
CE(sat)
Vdc
(I C = 10 mAdc, I B = 1.0 mAdc)
Both Types
—
0.15
(I C = 50 mAdc, I B = 5.0 mAdc )
—
0.20
Base–Emitter Saturation Voltage
V
BE(sat)
Vdc
(I C = 10 mAdc, I B = 1.0 mAdc)
Both Types
—
1.0
(I C = 50 mAdc, I B = 5.0 mAdc)
—
1.0
Zowie Technology Corporation
REV. 0
Zowie Technology Corporation
MMBT5550G
MMBT5551G
MMBT5550G
MMBT5551G
60
—
80
—
60
MMBT5550G
MMBT5551G
250
MMBT5550G
MMBT5551G
—
0.25
MMBT5550G
MMBT5551G
—
1.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com