Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCD014SH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # MSCD014SH
Description  Thin flat package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MSCD014SH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  MSCD014SH Datasheet HTML 1Page - Zowie Technology Corporation MSCD014SH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(20V~40V / 100mA)
Thin flat package
MSCD012SH THRU MSCD014SH
Unit : mm
Schottky Barrier Diode
* Halogen-free type
* Lead free product , compliance to RoHs
* Lead less chip form , no lead damage
* Lead-free solder joint , no wire bond & lead frame
* Low power loss , High efficiency
* High current capability , low VF
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* Switching mode power supply applications
* Portable equipment battery applications
* High frequency rectification
* DC / DC Converter
* Telecommunication
APPLICATION
* 3,000 pieces per 7" (178mm ± 2mm) reel
* 5 reels per box
* 6 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.004 gram
MECHANICAL DATA
OUTLINE DIMENSIONS
2007/11
REV. 0
Equivalent : SOD-323
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
MSCD012SH
20
MSCD014SH
40
V
IF(AV)
mA
IFSM
A
Tj
2.0
125
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
junction temperature
Rating
100
Repetitive peak reverse voltage
oC
Topr
-40 to +125
Operating temperature range
oC
TSTG
- 40 to +125
Storage temperature range
oC
Electrical characteristics (Ta = 25
o
C)
VF
ITEM
Symbol
Conditions
Min.
Typ.
Type
IF = 1mA
IF = 10mA
IF = 100mA
V
-
-
-
0.22
0.30
0.38
-
-
0.45
MSCD012SH
IF = 1mA
IF = 10mA
IF = 100mA
-
-
-
0.25
0.30
0.40
-
-
0.50
MSCD014SH
Max.
Unit
Forward voltage
oC/W
-
160
-
Rth(JA)
Junction to ambient
Thermal resistance
oC/W
-
110
-
Rth(JL)
Junction to lead
pF
-
18
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
4
30
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
MARKING
Cathode mark
Voltage class
Amps class
F
2.00 ± 0.1
R 0.275
0.50 ± 0.1
0.50 ± 0.1
0.05
Halogen-free type
.
Case : 0805-S


Similar Part No. - MSCD014SH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MSCD014 ZOWIE-MSCD014 Datasheet
71Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MSCD014H ZOWIE-MSCD014H Datasheet
177Kb / 2P
Schottky Barrier Diode
MSCD014H ZOWIE-MSCD014H Datasheet
177Kb / 2P
Schottky Barrier Diode
MSCD014RH ZOWIE-MSCD014RH Datasheet
207Kb / 2P
Schottky Barrier Diode
More results

Similar Description - MSCD014SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TQFP64 STMICROELECTRONICS-TQFP64 Datasheet
128Kb / 5P
64-LEAD THIN QUAD FLAT PACKAGE
Feb-2003
logo
Zowie Technology Corpor...
MSCD022SH ZOWIE-MSCD022SH Datasheet
225Kb / 2P
Thin flat package
MSCD032SH ZOWIE-MSCD032SH Datasheet
48Kb / 2P
Thin flat package
MSCD052SH ZOWIE-MSCD052SH Datasheet
226Kb / 2P
Thin flat package
MSCD102SH ZOWIE-MSCD102SH Datasheet
234Kb / 2P
Thin flat package
logo
P-tec Corporation
PL00130-WCA02 P-TEC-PL00130-WCA02 Datasheet
309Kb / 1P
Flat lens thin package 1.6 x 0.8 x 0.8mm
PL00130-WCA03 P-TEC-PL00130-WCA03 Datasheet
310Kb / 1P
Flat lens thin package 1.6 x 0.8 x 0.8mm
PL00130-WCG11 P-TEC-PL00130-WCG11 Datasheet
32Kb / 1P
Flat lens thin package 1.6 x 0.8 x 0.8mm
PL00130-WCG25 P-TEC-PL00130-WCG25 Datasheet
32Kb / 1P
Flat lens thin package 1.6 x 0.8 x 0.8mm
logo
STMicroelectronics
TQFP44 STMICROELECTRONICS-TQFP44 Datasheet
95Kb / 5P
44-LEAD THIN QUAD FLAT PACKAGE
Nov-2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com