Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207GP Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # FR207GP
Description  2Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

FR207GP Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  FR207GP Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech FR207GP Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech FR207GP Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FR201GP
THRU
FR207GP
2 Amp Glass
Passivated Fast
Recovery Rectifier
50 to 1000 Volts
Features
Low Cost
Low Leakage
Low Forward Voltage Drop
High Current Capability
Fast Switching Speed For High Efficiency
Glass Passivated Junction
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR201GP
---
50V
35V
50V
FR202GP
---
100V
70V
100V
FR203GP
---
200V
140V
200V
FR204GP
---
400V
280V
400V
FR205GP
---
600V
420V
600V
FR206GP
---
800V
560V
800V
FR207GP
---
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
60A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 2.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
100
µA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
FR201GP-204GP
FR205GP
FR206GP-207GP
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
40pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-15
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769
www.cnelectr.com


Similar Part No. - FR207GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR207GP MCC-FR207GP Datasheet
80Kb / 3P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR207GP MCC-FR207GP Datasheet
448Kb / 4P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
logo
Chenmko Enterprise Co. ...
FR207GPT CHENMKO-FR207GPT Datasheet
84Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - FR207GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR201GP MCC-FR201GP Datasheet
80Kb / 3P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
FR151GP CHENYI-FR151GP Datasheet
64Kb / 3P
1.5Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 volts
FR601GP CHENYI-FR601GP Datasheet
48Kb / 3P
6Amp glass passivated fast recovery rectifier 50 to 1000 volts
logo
Micro Commercial Compon...
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_11 Datasheet
448Kb / 4P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801G MCC-FRA801G Datasheet
489Kb / 3P
8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_13 Datasheet
471Kb / 4P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR501GP MCC-FR501GP Datasheet
496Kb / 4P
5 Amp Glass Recovery Rectifier 50 to 1000 Volts Passivated Fast
FR601GP MCC-FR601GP_15 Datasheet
683Kb / 4P
6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801GF MCC-FRA801GF Datasheet
416Kb / 3P
8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com