Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLSD103C Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # LLSD103C
Description  Schottky barrier switching diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

LLSD103C Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  LLSD103C Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech LLSD103C Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Low Reverse Recovery Time
l Low Reverse Capacitance
l Low Forward Voltage Drop
l Guard Ring Construction for Transient Protection
Mechanical Data
l Case: MiniMELF, Glass
l Terminals: Solderable per MIL-STD-202, Method 208
l Polarity: Indicated by Cathode Band
l Weight: 0.05 grams ( approx.)
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Symbol LLSD103A LLSD103B LLSD103C
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
40V
30V
20V
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
28V
21V
14V
Forward Continuous Current(Note1)
IFM
Maximum Single cycle surge 60Hz
sine wave
IFSM
Power Dissipation(Note 1)
Pd
Thermal Resistance(Note 1)
R
Operation/Storage Temp. Range
Tj, TSTG
-55 to 150
o
C
15A
350mA
400mW
250K/W
Electrical Characteristics @ 25oC Unless Otherwise Specified
Charateristic
Symbol Min
Typ
Max
Test Cond.
Peak
LLSD103A
VR=30V
Reverse
LLSD103B
IRM
-----
-----
5.0uA
VR=20V
Current
LLSD103C
VR=10V
Maximum Forward
VFM
-----
-----
0.37V
IF=20mA
Voltage Drop
0.60V
IF=200mA
Junction Capacitance
Cj
-----
50
pF
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
-----
10
ns
IF=IR=50mA to 200mA,
recover to 0.1 I R
Note: 1. Valid provided that electrodes are kept at ambient temperature
LLSD103A
THRU
LLSD103C
Schottky Barrier
Switching Diode
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
0.20
0.40
C
.055
.059
1.40
1.50
A
B
C
Cathode Mark
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
www.cnelectr.com
MINIMELF
Shanghai Lunsure Electronic
Technology Co.,Ltd
Technology Co.,Ltd
Fax:0086-21-57152769


Similar Part No. - LLSD103C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LLSD103C DIODES-LLSD103C Datasheet
140Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30068 Rev. 2 - 2
logo
Micro Commercial Compon...
LLSD103C MCC-LLSD103C Datasheet
361Kb / 2P
Schottky Barrier Switching Diode
logo
Pan Jit International I...
LLSD103C PANJIT-LLSD103C Datasheet
46Kb / 2P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
LLSD103C PANJIT-LLSD103C Datasheet
83Kb / 3P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
logo
Micro Commercial Compon...
LLSD103C MCC-LLSD103C Datasheet
1,007Kb / 4P
Schottky Barrier Switching Diode
More results

Similar Description - LLSD103C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL42 DIODES-LL42 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS30072 Rev. A-2
logo
Micro Commercial Compon...
LLSD101A MCC-LLSD101A Datasheet
360Kb / 2P
Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AW UTC-SD103AW Datasheet
82Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW_ DIODES-SD101AW_ Datasheet
224Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 17 - 2
SD103AW_ DIODES-SD103AW_ Datasheet
246Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 21 - 2
logo
Sensitron
SD103AWS-G SENSITRON-SD103AWS-G Datasheet
178Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
SD103AWS SENSITRON-SD103AWS Datasheet
88Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Unisonic Technologies
SD103AWS UTC-SD103AWS Datasheet
138Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW-7-F DIODES-SD101AW-7-F Datasheet
115Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
Rev erse
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS_17 Datasheet
179Kb / 3P
Schottky Barrier Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com