Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC16M Datasheet(PDF) 2 Page - Motorola, Inc

Part # MAC16M
Description  TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC16M Datasheet(HTML) 2 Page - Motorola, Inc

  MAC16M Datasheet HTML 1Page - Motorola, Inc MAC16M Datasheet HTML 2Page - Motorola, Inc MAC16M Datasheet HTML 3Page - Motorola, Inc MAC16M Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAC16 SERIES
3–68
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Symbol
Characteristic
Min
Typ
Max
Unit
OFF CHARACTERISTICS
IDRM
Peak Repetitive Blocking Current
(VD = Rated VDRM, Gate Open)
TJ = 25°C
TJ = 125°C
—
—
—
—
0.01
2.0
mA
ON CHARACTERISTICS
VTM
Peak On-State Voltage*
(ITM = ± 21 A Peak)
—
1.2
1.6
Volts
IGT
Continuous Gate Trigger Current (VD = 12 V, RL = 100 Ω)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
10
10
10
16
18
22
50
50
50
mA
IH
Hold Current
(VD = 12 V, Gate Open, Initiating Current = ±150 mA)
—
20
50
mA
IL
Latch Current (VD = 24 V, IG = 50 mA)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
—
—
—
33
36
33
50
80
50
mA
VGT
Gate Trigger Voltage (VD = 12 V, RL = 100 Ω)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
0.5
0.5
0.5
0.75
0.72
0.82
1.5
1.5
1.5
Volts
DYNAMIC CHARACTERISTICS
(di/dt)c
Rate of Change of Commutating Current* See Figure 10.
(VD = 400 V, ITM = 6.0 A, Commutating dv/dt = 24 V/µs,
CL = 10 µF
Gate Open, TJ = 125°C, f = 250 Hz, No Snubber)
LL = 40 mH
9.0
—
—
A/ms
dv/dt
Critical Rate of Rise of Off-State Voltage
(VD = Rated VDRM, Exponential Waveform, Gate Open, TJ = 125°C)
500
—
—
V/
µs
*Indicates Pulse Test: Pulse Width
≤ 2.0 ms, Duty Cycle ≤ 2%.
Figure 1. RMS Current Derating
IT(RMS), RMS ON-STATE CURRENT (AMP)
125
120
115
110
105
100
95
90
85
80
16
14
12
10
8
6
4
2
0
Figure 2. On-State Power Dissipation
IT(RMS), ON-STATE CURRENT (AMP)
16
14
12
10
8
6
4
2
0
20
18
16
14
12
10
8
6
4
2
0
DC
α = 30 and 60°
α = 90°
α = 120°
α = 180°
DC
180
°
120
°
90
°
60
°
α = 30°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com