Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1094AS-R68N Datasheet(PDF) 2 Page - TOKO, Inc

Part # 1094AS-R68N
Description  Fixed Inductors for Cellular Phone
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

1094AS-R68N Datasheet(HTML) 2 Page - TOKO, Inc

  1094AS-R68N Datasheet HTML 1Page - TOKO, Inc 1094AS-R68N Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page
前頁より続く
SELECTION GUIDE FOR STANDARD COILS
TYPE DE3518C (Magnetically Shielded)
閉磁路タイプ(Quantity/reel; 2,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
ΔT=40°C
(A) Max. (Typ.)
1127AS-R56N
0.56
± 30
29 (24)
3.30 (4.40)
3.40 (4.00)
1127AS-1R2N
1.2
± 30
36 (30)
2.40 (3.20)
2.90 (3.40)
1127AS-1R7N
1.7
± 30
42 (35)
2.10 (2.75)
2.70 (3.20)
1127AS-2R2M
2.2
± 20
48 (40)
1.90 (2.55)
2.55 (3.00)
1127AS-2R7M
2.7
± 20
54 (45)
1.70 (2.30)
2.40 (2.85)
1127AS-3R3M
3.3
± 20
60 (50)
1.60 (2.10)
2.25 (2.70)
1127AS-4R7M
4.7
± 20
72 (60)
1.35 (1.75)
2.00 (2.45)
1127AS-6R4M
6.4
± 20
102 (85)
1.15 (1.50)
1.65 (2.00)
1127AS-100M
10.0
± 20
174 (145)
0.90 (1.20)
1.25 (1.50)
1127AS-120M
12.0
± 20
186 (155)
0.85 (1.15)
1.20 (1.45)
1127AS-150M
15.0
± 20
222 (185)
0.80 (1.05)
1.10 (1.30)
1127AS-220M
22.0
± 20
342 (285)
0.65 (0.84)
0.88 (1.05)
(1) Inductance is measured with a LCR meter 4284A* or equivalent.
Test frequency at 100kHz
(2) DC Resistance is measured with a Digital Multimeter TR6871
(ADVANTEST) or equivalent.
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, coil temperature to rise
by 40
℃, whichever is smaller.( Reference ambient temperature
20
℃)
* Agilent Technologies
(1)
インダクタンスはLCRメータ4284A* または同等品により測定す
る。測定周波数は100kHzです。
(2)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する
(3)
最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より30%減少する直流電流値、または直流電流により、コ
イルの温度が40℃上昇の何れか小さい値です。(周囲温度20℃
を基準とする。)
* Agilent Technologies
ΔL
L
Fixed Inductors for Cellular Phone
携帯電話用面実装
づけ
固定インダクタ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com