Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHTP3237 Datasheet(PDF) 1 Page - TOKO, Inc

Part # DHTP3237
Description  2 in1 type, Max. 8W/ch, LCD Monitors for 20inch size or more and vehicle applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DHTP3237 Datasheet(HTML) 1 Page - TOKO, Inc

  DHTP3237 Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DHTP3237/DHTP3237B
Unit: mm)
(Unit: mm)
Description
• The DHTP3237 is a CCFL driving inveter transformers which height is
max. 9mm and formed by EE ferrite cores.
• It is suitable for inverter transformers for 26-inch or larger size LCD TV
概
要
• DHTP3237は、EEコアを使用した高さ9mm Max.ピンタイプの冷陰極管駆動
用インバータトランスです。
• 20インチ以上の液晶TVに最適です。
Features
• Low-loss ferrite core and high Bs ensure low heat generation and high
efficiency.
• An inverter transformer configuration featuring a horizontally split winding
that eliminates the need for ballst capacitors.
• Two in one inverter transformer.
• Compatible with only separately excited (resonating IC) components.
• A U-shaped tube (false U-tube) and straight tube drive transformer.
• RoHS compliant
特
長
• 高Bs・低損失材フェライトコアを採用、低発熱・高効率を実現
• 横型分割巻構造のバラストコンデンサレス型インバータトランス
• 2-in-1構造インバータトランス
• 多励式(共振型IC方式)に対応
• 同相・逆相出力対応(U字/擬似U字/直管対応)
• RoHS指令対応
STANDARD PARTS SELECTION GUIDE
DHTP3237
TOKO
Part
Number
Input
Voltage
Range (V)
Output
Open Voltage
(Vrms)
Power
Consumption
of CCFL (W)
Oscillation
Frequency
(kHz)
Operating
Temperature
Range (
°C)
DHTP3237
12~100
1700 Max./ch
(2828Vo-p Max. 5sec./ch)
8wMax./ch
30~70
–
20 ~ +85
DHTP3237B
12~100
*2500 Max
(1250 Max/ch)
(2121Vo-p Max. 5sec./ch)
16wMax
30~70
–
20 ~ +85
・Characteristics are different depending on operating conditions. / 仕様は、ご使用条件により異なります。
・Use a floating-lamp topology./ランプはフローティングで使用
2in1type,Max.8W/ch,LCDMonitorsfor20inchsizeormoreandvehicleapplications
大型液晶モニタ(20インチ以上、最大8W/ch)
TYPE
DHTP3237
DHTP3237B


Similar Part No. - DHTP3237

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
DHT0A103103472 THINKING-DHT0A103103472 Datasheet
210Kb / 6P
Glass Axial Type for Temperature Sensing/Compensation
DHT0A103103473 THINKING-DHT0A103103473 Datasheet
210Kb / 6P
Glass Axial Type for Temperature Sensing/Compensation
DHT0A1031034D2 THINKING-DHT0A1031034D2 Datasheet
210Kb / 6P
Glass Axial Type for Temperature Sensing/Compensation
DHT0A1031034D3 THINKING-DHT0A1031034D3 Datasheet
210Kb / 6P
Glass Axial Type for Temperature Sensing/Compensation
DHT0A1031039H2 THINKING-DHT0A1031039H2 Datasheet
210Kb / 6P
Glass Axial Type for Temperature Sensing/Compensation
More results

Similar Description - DHTP3237

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
BLC4110 TOKO-BLC4110 Datasheet
144Kb / 1P
Max. 10W, LCD Monitors or vehicle applications
BLC4115 TOKO-BLC4115 Datasheet
142Kb / 1P
Max. 6.5 & 5.5W, Medium & Large size LCD Monitors and vehicle applications
BLC4126 TOKO-BLC4126 Datasheet
140Kb / 1P
Max. 4.5W, Narrow width LCD Monitors backlight
BLC4204 TOKO-BLC4204 Datasheet
141Kb / 1P
2 in1 type, Max.3.5W/ch, LCD Monitors for 14 inch size or more and vehicle applications
BLC4206 TOKO-BLC4206 Datasheet
143Kb / 1P
2 in 1 type, Max. 6.5W/ch, LCD Monitors for 14 inch size or more and vehicle applications
CLT4123 TOKO-CLT4123 Datasheet
141Kb / 1P
Max. 8W, Medium & Large size LCD Monitors and vehicle applications
logo
Allegro MicroSystems
A8507 ALLEGRO-A8507 Datasheet
600Kb / 16P
LED Backlight Driver for LCD Monitors and Televisions
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
LED Backlight Driver for LCD Monitors and Televisions
logo
STMicroelectronics
AN4658 STMICROELECTRONICS-AN4658 Datasheet
402Kb / 24P
For more and more applications using STM32 products
18-Mar-2015
logo
Digital View Ltd
HE-1400 DIGITALVIEW-HE-1400 Datasheet
806Kb / 2P
LCD Controller for Industrial Monitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com