Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDV0530-R56M Datasheet(PDF) 1 Page - TOKO, Inc

Part # FDV0530-R56M
Description  Fixed Inductors for Surface Mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FDV0530-R56M Datasheet(HTML) 1 Page - TOKO, Inc

  FDV0530-R56M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FDV0530
Inductance Range: 0.11~4.7
μH
(Unit: mm)
(Unit: mm)
• 6.2 × 5.8mm square and 3.0mm Max. height.
• Magnetically shielded construction low DC resistance.
• Suitable for large current
• The use of magnetic iron powder ensure capability for
large current and compact size.
• Low audible core noise.
• Ideal for DC-DC converter applications in hand held
personal computer and etc.
• RoHS compliant.
• 6.2 × 5.8mm 角、高さ3.0mm Max.
• 閉磁路構造、低直流抵抗
• 大電流対応
• 磁性材に鉄系磁性粉を用いた大電流対応と小型化を両立
• 低コア鳴きノイズ
• ノートパソコンなどのDC-DCコンバータ用インダクタな
どに最適
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE FDV0530 (Quantity/reel; 1,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=20%
Temperature
Rise Current
(4)
ΔT=40°C
(A) Max. (Typ.)
FDV0530-R11M
0.11
± 20
1.6 (1.3)
19.6 (26.2)
18.2 (22.7)
FDV0530-R20M
0.20
± 20
2.4 (2.1)
17.5 (23.3)
17.7 (20.8)
FDV0530-R36M
0.36
± 20
4.1 (3.6)
12.6 (16.9)
13.9 (16.3)
FDV0530-R56M
0.56
± 20
6.3 (5.5)
11.3 (15.1)
11.1 (13.1)
FDV0530-R75M
0.75
± 20
7.6 (6.6)
9.9 (13.1)
9.7 (11.4)
FDV0530-1R0M
1.0
± 20
11.2 ( 9.4)
8.4 (11.2)
7.7 (9.1)
FDV0530-1R5M
1.5
± 20
15.5 (13.5)
5.7 (7.6)
6.6 (7.8)
FDV0530-2R2M
2.2
± 20
19.9 (17.3)
5.3 (7.1)
6.0 (7.0)
FDV0530-3R3M
3.3
± 20
34.1 (29.6)
4.1 (5.5)
4.5 (5.3)
FDV0530-4R7M
4.7
± 20
53.6 (46.6)
3.5 (4.6)
3.6 (4.2)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100KHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Inductance Decrease Current based upon 20% inductance
reduction from the initial value
(4) Temperature Rise Current based upon 40°C temperature rise.
(Reference ambient temperature 25°C)
(5) Absolute maximum voltage 30VDCDC.
NOTICE: Please be sure that you carefully discuss your planned
purchase with our sales division if you intend to use the
product for business use etc. is severe.
(1)
インダクタンスはLCR メータ4284A(Agilent Technologies)ま
たは同等品により測定する。
測定周波数は100KHzです。
(2)
直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25℃)
(3)
直流重畳許容電流:直流重畳電流を流した時インダクタンスの値
が初期値より20%減少する直流電流値
(4)
温度上昇許容電流:コイルの温度が40℃上昇する値
(周囲温度25℃を基準とする。)
(5)
絶対最大電圧 30VDCDC
ご注意:業務用など、厳しい使用条件でのご使用をご検討の場合は
必ず事前に弊社営業窓口までご相談ください。
6.2
3.0 max
1.2
(3.8)
1.2
Tolerance : ±0.3
ΔL
L
FEATURES
/特長
Recommended patterns
推奨パターン図
DIMENSIONS
/外形寸法図
Fixed Inductors for Surface Mounting
面実装
づけ
用固定インダクタ


Similar Part No. - FDV0530-R56M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FDV0530-H-1R0M TOKO-FDV0530-H-1R0M Datasheet
245Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
FDV0530-H-1R0M MURATA-FDV0530-H-1R0M Datasheet
977Kb / 2P
Inductor
logo
TOKO, Inc
FDV0530-H-1R5M TOKO-FDV0530-H-1R5M Datasheet
245Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
FDV0530-H-1R5M MURATA-FDV0530-H-1R5M Datasheet
977Kb / 2P
Inductor
logo
TOKO, Inc
FDV0530-H-2R2M TOKO-FDV0530-H-2R2M Datasheet
245Kb / 1P
Metal Alloy Inductors
More results

Similar Description - FDV0530-R56M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com