Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDVE0630-R75M Datasheet(PDF) 1 Page - TOKO, Inc

Part # FDVE0630-R75M
Description  Fixed Inductors for Surface Mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FDVE0630-R75M Datasheet(HTML) 1 Page - TOKO, Inc

  FDVE0630-R75M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FDVE0630
Inductance Range: 0.16
μH∼10μH
Tolerance
:±0.3
(Unit: mm)
2.0
2.0
4.0
(Unit: mm)
• 7.4 × 6.7mm square and 3.0mm Max. height.
• Magnetically shielded, low DC resistance.
• Suitable for large current
• The use of magnetic iron powder ensure capability for
large current.
• Low audible core noise.
• Ideal for DC-DC converter applications in hand held
personal computer and etc.
• RoHS compliant.
• 7.4 × 6.7mm 角、高さ3.0mm Max.
• 閉磁路、低直流抵抗
• 大電流対応
• 磁性材に鉄系磁性粉を用いた大電流対応
• 低コア鳴きノイズ
• ノートパソコンなどのDC-DC コンバータ用インダクタ
などに最適
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE FDVE0630 (Quantity/reel; 1000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=20%
Temperature
Rise Current
(4)
ΔT=40°C
(A) Max. (Typ.)
FDVE0630-R16M
0.16
±20
1.6 (1.4)
19.4 (25.8)
20.7 (25.9)
FDVE0630-R33M
0.33
±20
2.7 (2.3)
15.9 (21.1)
16.9 (21.1)
FDVE0630-R47M
0.47
±20
3.7 (3.2)
15.6 (20.8)
14.1 (17.7)
FDVE0630-R75M
0.75
±20
6.2 (5.4)
10.9 (14.5)
10.7 (13.4)
FDVE0630-1R0M
1.0
±20
8.5 (7.4)
9.5 (12.7)
9.5 (11.9)
FDVE0630-1R5M
1.5
±20
12.1 (10.6)
8.1(10.9)
8.0 (10.0)
FDVE0630-2R2M
2.2
±20
16.2 (14.0)
6.9 (9.3)
6.6 (8.3)
FDVE0630-3R3M
3.3
±20
25.4 (22.1)
5.3 (7.0)
5.3 (6.6)
FDVE0630-4R7M
4.7
±20
36.1 (31.3)
4.6 (6.2)
4.4 (5.5)
FDVE0630-6R8M
6.8
±20
54.2 (47.1)
3.4 (4.6)
3.6 (4.5)
FDVE0630-100M
10
±20
79.2 (68.9)
3.1(4.1)
2.8 (3.6)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100KHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Inductance Decrease Current based upon 20% inductance
reduction from the initial value
(4) Temperature Rise Current based upon 40°C temperature rise.
(Reference ambient temperature 25°C)
(5) Absolute maximum voltage 30VDC.
NOTICE: Please be sure that you carefully discuss your planned
purchase with our sales division if you intend to use the
product for business use etc. is severe.
(1)
インダクタンスはLCR メータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100KHzです。
(2)
直流抵抗は測定器34420A(Agilent Technologies)または
3541(HIOKI)
と同等品により測定する。(周囲温度25℃)
(3)
直流重畳許容電流:直流重畳電流を流した時インダクタンスの値
が初期値より20%減少する直流電流値
(4)
温度上昇許容電流:コイルの温度が40℃上昇する値
(周囲温度25℃を基準とする。)
(5)
絶対最大電圧 30VDC
ご注意:業務用など、厳しい使用条件でのご使用をご検討の場合は
必ず事前に弊社営業窓口までご相談ください。
ΔL
L
FEATURES
/特長
Recommended patterns
推奨パターン図
DIMENSIONS
/外形寸法図
Fixed Inductors for Surface Mounting
面実装
づけ
用固定インダクタ


Similar Part No. - FDVE0630-R75M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
FDVE0630-R75M AD-FDVE0630-R75M Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
More results

Similar Description - FDVE0630-R75M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com