Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1077AS-331M Datasheet(PDF) 1 Page - TOKO, Inc

Part # B1077AS-331M
Description  Fixed Inductors for Surface Mounting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

B1077AS-331M Datasheet(HTML) 1 Page - TOKO, Inc

  B1077AS-331M Datasheet HTML 1Page - TOKO, Inc B1077AS-331M Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Å@
1
2
3
4
6
7
8
9
DS73LC DS74LC
Inductance Range: 1.0~220
μH (DS73LC ),
2.4~470
μH (DS74LC)
(Unit: mm)
Note * : DS73LC ;
3.0mm Max. height
DS74LC ;
4.0mm Max. height
• Low-profile (7.6mm Max. square, 3.0 and 4.0mm Max.
height).
• Magnetically shielded construction
• Suitable for large current.
• Ideal for a variety of DC-DC converter inductor applications.
• RoHS compliant.
• 低背(7.6mm角Max.、高さ3.0および4.0mm Max.)
• 閉磁路構造
• 大電流対応
• 各種機器のDC-DCコンバータ用インダクタに最適
• RoHS指令対応
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz.
(2) DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Rated DC current is that which causes a 10% inductance
reduction from the initial value, or coil temperature to rise by
40°C, whichever is smaller.
(Reference ambient temperature 20°C)
(1)
インダクタンスはLCRメータ4284A(Agilent Technologies)また
は同等品により測定する。
測定周波数は100kHzです。
(2)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同
等品により測定する。
(3)
最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より10%減少する直流電流値、または直流電流により、コ
イルの温度が40℃上昇の何れか小さい値です。
(
周囲温度20°Cを基準とする。)
Recommended patterns
推奨パターン図
8.4
4.4
(Unit: mm)
continued on next page
次頁へ続く
MEASUREMENT CONDITION
/測定条件
FEATURES
/特長
DIMENSIONS
/外形寸法図
Fixed Inductors for Surface Mounting
実装
づけ
用固定インダクタ
DS73LC
DS74LC


Similar Part No. - B1077AS-331M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
B1077AS-100M AD-B1077AS-100M Datasheet
690Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. 0
B1077AS-4R7N AD-B1077AS-4R7N Datasheet
690Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. 0
B1077AS-6R8N AD-B1077AS-6R8N Datasheet
690Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. 0
More results

Similar Description - B1077AS-331M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
Fixed Inductors for Surface Mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com