Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1511 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1511
Description  PWM CONTROL 5A STEP-DOWN CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1511 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1511 Datasheet HTML 1Page - Diodes Incorporated AP1511 Datasheet HTML 2Page - Diodes Incorporated AP1511 Datasheet HTML 3Page - Diodes Incorporated AP1511 Datasheet HTML 4Page - Diodes Incorporated AP1511 Datasheet HTML 5Page - Diodes Incorporated AP1511 Datasheet HTML 6Page - Diodes Incorporated AP1511 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP1511
PWM CONTROL 5A STEP-DOWN CONVERTER
AP1511 Rev. 1
2 of 7
NOVEMBER 2007
www.diodes.com
© Diodes Incorporated
AP1511
1
2
3
15
14
13
12
11
10
9
8
7
6
5
4
16
(Top View)
SOP-16L
GND
GND
NC
NC
V
C
PVcc
Output
Output
GND
GND
FB
EN
OCSET
Vcc
Output
Output
.
Pin
Name
Pin
No.
Description
GND
1
GND pin
GND
2
GND pin
FB
3
Feedback pin
EN
4
H: Normal operation
L: Step-down operation stopped
OCSET
5
Add an external resistor to set
max output current.
Vcc
6
Signal Vcc
Output
7
Switch output pin
Output
8
Switch output pin
Output
9
Switch output pin
Output
10 Switch output pin
PVcc
11 Power Vcc
VC
12 Voltage clamp pin
NC
13 Not connected
NC
14 Not connected
GND
15 GND pin
GND
16 GND pin
Block Diagram
Oscillation
Circuit
Reference Voltage
Source with Soft Start
PWM - Switched
Control Circuit
+
-
Vss
EN
Vccp
Output
100 uA
OCSET
FB
V
C
Vcc
CT
V
EN
Driver
Thermal
Shutdown
Pin Assignments
Pin Descriptions
Not Recommended
for New Designs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com