Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3154 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3154
Description  120mA HIGH EFFICIENCY WHITE LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3154 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3154 Datasheet HTML 1Page - Diodes Incorporated AP3154 Datasheet HTML 2Page - Diodes Incorporated AP3154 Datasheet HTML 3Page - Diodes Incorporated AP3154 Datasheet HTML 4Page - Diodes Incorporated AP3154 Datasheet HTML 5Page - Diodes Incorporated AP3154 Datasheet HTML 6Page - Diodes Incorporated AP3154 Datasheet HTML 7Page - Diodes Incorporated AP3154 Datasheet HTML 8Page - Diodes Incorporated AP3154 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP3154
120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 Rev. 2
3 of 13
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Block Diagram
SHORT
CIRCUIT
PROTECTION
C1N
C1P
C2N
C2P
VIN
GND
CURRENT
CONTROL
CHARGE PUMP
SWITCHES
VOUT
OVER
VOLTAGE
PROTECTION
DIGITAL
CONTROL
BLOCK
SERIAL
DIGITAL
INTERFACE
OUTPUT VOLTAGE REGULATION
&
LED SHORT CIRCUIT DETECTION
SDI
UNDER
VOLTAGE
LOCKOUT
BANDGAP
OSCILLATOR
OVER
TEMPERATURE
PROTECTION
D1
D2
D3
D4
Typical Application Circuit
VIN
1uF
CIN
AP3154
C2P
C2N
C1N
VOUT
D4
D1
D2
D3
GND
SDI
SDI
2
8
VIN
1uF
C2
7
6
1uF
C1
4
3
C1P
9
5
1
D4
LED
12
D3
LED
11
D2
LED
10
D1
LED
1uF
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com