Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFN5210 Datasheet(PDF) 2 Page - Seme LAB

Part # IRFN5210
Description  P-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFN5210 Datasheet(HTML) 2 Page - Seme LAB

  IRFN5210 Datasheet HTML 1Page - Seme LAB IRFN5210 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IRFN5210
Document Number 5587
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
VGS = 0
ID = -250μA
Reference to 25°C
ID = -1mA
VGS = -10V
ID = -19A
VDS = VGS
ID = -250μA
VDS = -50V
IDS = -19A
VGS = 0
VDS = -80V
TJ = 125°C
VGS = -20V
VGS = 20V
VGS = 0
VDS = -25V
f = 1MHz
VGS = -10V
ID = -19A
VDS = -80V
VGS = -10V
ID = -19A
VDS = -80V
VDD = -50V
VGS = -10V
ID = -19A
RG = 2.5Ω
IS = -19A
TJ = 25°C
VGS = 0
IF = -19A
TJ = 25°C
di / dt ≤ 100A/μsVDD ≤ -50V
ELECTRICAL CHARACTERISTICS (Tamb = 25°C unless otherwise stated)
Drain – Source Breakdown Voltage
Temperature Coefficient of
Breakdown Voltage
Static Drain – Source On–State
Resistance 1
Gate Threshold Voltage
Forward Transconductance 1
Zero Gate Voltage Drain Current
Forward Gate – Source Leakage
Reverse Gate – Source Leakage
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 1
Gate – Source Charge 1
Gate – Drain (“Miller”) Charge 1
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continuous Source Current
Pulse Source Current 2
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
Forward Turn–On Time
-100
-0.11
0.06
-2.0
-4.0
10
-25
-250
-100
100
2700
830
470
215
30
115
28
150
103
116
-31
-124
-1.6
290
2.1
Negligible
V
V/°C
Ω
V
S(
Ω
μA
nA
pF
nC
nC
ns
A
V
ns
μC
BVDSS
ΔBVDSS
ΔTJ
RDS(on)
VGS(th)
gfs
IDSS
IGSS
IGSS
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
Qrr
ton
STATIC ELECTRICAL RATINGS
Notes
1) Pulse Test: Pulse Width
≤ 300ms, δ≤ 2%
2) Repetitive Rating – Pulse width limited by maximum junction temperature.
DYNAMIC CHARACTERISTICS
SOURCE – DRAIN DIODE CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com