Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL103C Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LL103C
Description  Small-Signal Diode Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LL103C Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LL103C Datasheet HTML 1Page - GOOD-ARK Electronics LL103C Datasheet HTML 2Page - GOOD-ARK Electronics LL103C Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(Ratings at 25oC ambient temperature unless otherwise specified.)
For general purpose applications
The LL103A, B, C series is a metal-on-silicon Schottky barrier
device which is protected by a PN junction guard ring.
The low forward voltage drop and fast switching make it ideal
for protection of MOS devices, steering, biasing and coupling
diodes for fast switching and low logic level applications. Other
applications are click suppression, efficient full wave bridges in
telephone subsets, and blocking diodes in rechargeable low
voltage battery systems.
These diodes are also available in the DO-35 case with type
designations SD103A thru SD103C.
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05g
Cathode Band Color: Green
C
3
0
1
L
L
u
r
h
t
A
3
0
1
L
L
e
d
o
i
D
l
a
n
g
i
S
-
ll
a
m
S
s
e
d
o
i
D
y
k
t
t
o
h
c
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
n
i
k
a
e
P
A
3
0
1
L
L
B
3
0
1
L
L
C
3
0
1
L
L
V
M
R
R
0
4
0
3
0
2
s
t
l
o
V
)
k
n
i
s
t
a
e
h
e
t
i
n
i
f
n
I
(
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
T
C
/
W
m
4
t
a
s
e
t
a
r
e
d
y
d
o
b
m
o
r
f
"
8
/
3
=
oC5
2
1
t
a
0
o
t
oC
P
t
o
t
0
0
4
)
1
(
W
m
e
v
a
w
e
n
i
s
z
H
-
0
6
e
g
r
u
s
e
l
c
y
c
e
l
g
n
i
SI
M
S
F
5
1s
p
m
A
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
JT
j
5
2
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
S
0
5
1
+
o
t
5
5
-
oC
714
Notes:
1. Valid provided that electrodes are kept at ambient temperature.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
J=25
oC unless otherwise noted.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
n
e
r
r
u
c
e
g
a
k
a
e
L
A
3
0
1
L
L
B
3
0
1
L
L
C
3
0
1
L
L
I
R
V
R
V
0
3
=
V
R
V
0
2
=
V
R
V
0
1
=
-
-
-
-
-
-
5
5
5
uA
p
o
r
d
e
g
a
t
l
o
v
d
r
a
w
r
o
FV
F
I
F
A
m
0
2
=
I
F
A
m
0
0
2
=
-
-
-
-
7
3
.
0
6
.
0
t
l
o
V
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
JC
t
o
t
V
R
z
H
M
1
=
f
,
V
0
=-
0
5-
pF
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
Rt
r
r
I
F
I
=
R
,
A
m
0
0
2
o
t
A
m
0
5
=
I
1
.
0
o
t
r
e
v
o
c
e
r
R
--
0
1
ns


Similar Part No. - LL103C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL103C SEMTECH-LL103C Datasheet
181Kb / 3P
Silicon Schottky Barrier Diode for general purpose applications?
logo
General Semiconductor
LL103C GE-LL103C Datasheet
131Kb / 3P
Schottky Diodes
logo
Diotec Semiconductor
LL103C DIOTEC-LL103C Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
logo
EIC discrete Semiconduc...
LL103C EIC-LL103C Datasheet
35Kb / 2P
SCHOTTKY BARRIER DIODES
logo
List of Unclassifed Man...
LL103C ETC1-LL103C Datasheet
398Kb / 2P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - LL103C

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1N5711 GOOD-ARK-1N5711 Datasheet
126Kb / 2P
Small-Signal Diode Schottky Diodes
LL42 GOOD-ARK-LL42 Datasheet
61Kb / 2P
Small-Signal Diode Schottky Diodes
LL5711 GOOD-ARK-LL5711 Datasheet
112Kb / 2P
Small-Signal Diode Schottky Diodes
LL101A GOOD-ARK-LL101A Datasheet
122Kb / 3P
Small-Signal Diode Schottky Diodes
SD103A GOOD-ARK-SD103A_15 Datasheet
136Kb / 3P
Small-Signal Diode Schottky Diodes
SD101A GOOD-ARK-SD101A_15 Datasheet
126Kb / 3P
Small-Signal Diode Schottky Diodes
BAT42 GOOD-ARK-BAT42_15 Datasheet
57Kb / 1P
Small-Signal Diode Schottky Diodes
1N5711 GOOD-ARK-1N5711_15 Datasheet
127Kb / 2P
Small-Signal Diode Schottky Diodes
LL101A GOOD-ARK-LL101A_15 Datasheet
122Kb / 3P
Small-Signal Diode Schottky Diodes
LL103A GOOD-ARK-LL103A_15 Datasheet
135Kb / 3P
Small-Signal Diode Schottky Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com