Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS103C Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LS103C
Description  Small Signal Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS103C Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LS103C Datasheet HTML 1Page - GOOD-ARK Electronics LS103C Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
717
Case:QuadroMELF Glass Case (SOD-80)
Weight: approx. 34 mg
Cathode Band Color: Black
Integrated protection ring against static discharge
Low capacitance
Low leakage current
Low forward voltage drop
r
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
s
e
Tt
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
R
A
3
0
1
S
LV
R
0
4V
B
3
0
1
S
LV
R
0
3V
C
3
0
1
S
LV
R
0
2V
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
Pt
p
0
0
3
=
u
e
s
l
u
p
e
r
a
u
q
s
,
sI
M
S
F
5
1A
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
PT
,
m
m
4
=
I
L
t
n
a
t
s
n
o
c
=P
t
o
t
0
0
4
mW
LS103A / 103B / 103C
Small Signal Schottky Barrier Diodes
Absolute Maximum Ratings
( T
amb=25
oC unless otherwise specified )
r
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
s
e
Tl
o
b
m
y
Se
u
l
a
Vt
i
n
U
t
n
e
i
b
m
a
n
o
i
t
c
n
u
J
T
,
m
m
4
=
I
L
t
n
a
t
s
n
o
c
=R
A
J
h
t
0
5
2W
/
K
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
T
j
5
2
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
o
r
t
S
T
g
t
s
0
5
1
+
o
t
5
6
-
oC
Mechanical Data
Features
HF-Detector
Protection circuit
Small battery charger
AC-DC / DC-DC converters
Applications
Thermal Characteristics
( T
amb=25
oC unless otherwise specified )
r
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
s
e
Tt
r
a
Pl
o
b
m
y
S.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
b
e
s
r
e
v
e
RI
R
0
1
=
uA
A
3
0
1
S
L
V
R
)
R
B
(
0
4
V
B
3
0
1
S
L0
3
C
3
0
1
S
L0
2
t
n
e
r
r
u
c
e
g
a
k
a
e
L
V
R
V
0
3
=A
3
0
1
S
L
I
R
5
uA
V
R
V
0
2
=B
3
0
1
S
L5
V
R
V
0
1
=C
3
0
1
S
L5
p
o
r
d
e
g
a
t
l
o
v
d
r
a
w
r
o
F
I
F
0
2
=
mA
V
F
7
3
.
0
V
I
F
0
0
2
=
mA
6
.
0
e
c
n
a
t
i
c
a
p
a
c
e
d
o
i
DV
R
,
V
0
=z
H
M
1
=
fC
D
0
5
pF
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
R
I
F
I
=
R
0
5
=
m
0
0
2
o
t
A
mA
,
I
1
.
0
o
t
r
e
v
o
c
e
r
R
t
r
r
0
1
ns
Electrical Characteristics
( T
amb=25
oC unless otherwise specified )


Similar Part No. - LS103C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS103C VISHAY-LS103C Datasheet
168Kb / 6P
Small Signal Schottky Diodes
17-Mar-06
logo
Micro Commercial Compon...
LS103C MCC-LS103C Datasheet
236Kb / 4P
350mA Schottky Barrier Diode 20~40Volt
logo
Vishay Siliconix
LS103C VISHAY-LS103C Datasheet
227Kb / 5P
Small Signal Schottky Diodes
05-Aug-10
LS103C VISHAY-LS103C Datasheet
192Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
logo
SUNMATE electronic Co.,...
LS103C SUNMATE-LS103C Datasheet
200Kb / 2P
200mA Surface Mount Schottky Barrier Diode
More results

Similar Description - LS103C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL101A VISHAY-MCL101A Datasheet
98Kb / 4P
Small Signal Schottky Barrier Diodes
25-Jun-01
logo
List of Unclassifed Man...
SBT10K45WS ETC1-SBT10K45WS Datasheet
46Kb / 3P
Small-Signal Schottky Barrier Diodes
SBT103AT ETC1-SBT103AT Datasheet
50Kb / 3P
Small-Signal Schottky Barrier Diodes
logo
TAITRON Components Inco...
SD103A TAITRON-SD103A Datasheet
238Kb / 3P
Small Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
BAS81 GOOD-ARK-BAS81 Datasheet
114Kb / 2P
Small Signal Schottky Barrier Diodes
LS101A GOOD-ARK-LS101A Datasheet
98Kb / 2P
Small Signal Schottky Barrier Diodes
MCL103A GOOD-ARK-MCL103A Datasheet
96Kb / 2P
Small Signal Schottky Barrier Diodes
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
Small Signal Schottky Barrier Diodes
BAT81S GOOD-ARK-BAT81S_15 Datasheet
103Kb / 2P
Small Signal Schottky Barrier Diodes
BAS81 GOOD-ARK-BAS81_15 Datasheet
114Kb / 2P
Small Signal Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com