Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431AM Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # TL431AM
Description  Programmable Output Voltage to 40V CHIP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

TL431AM Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  TL431AM Datasheet HTML 1Page - Estek Electronics Co. Ltd TL431AM Datasheet HTML 2Page - Estek Electronics Co. Ltd TL431AM Datasheet HTML 3Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TL431AM (chips)
3
PAD LAYOUT
Y
0,0
X
Chip si z e: 0, 81x 0, 76
P ad si z e : 94 x 94
Uni t
:
µm
PAD LOCATION
Unit:
µm
Pad No.
Pad Name
Description
X
Y
1
R
Reference
-314
-299
2
A
Anode
-75
-275
3
K
Cathode
231
-299
PHYSICAL CHARACTERISTIC
Wafer dia
100 mm (4")
* Wafer thickness
280 … 420
±20 µm
Scribe width
90
µm
Passivation
PSG
Backside metallization
Without
metallization
Min. lot yield
75%
Min. wafer yield
60%
* The wafer thickness small be specified in a PO or Contract
1
2
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com