Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2F Datasheet(PDF) 1 Page - Weitron Technology

Part # ES2F
Description  Surface Mount Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ES2F Datasheet(HTML) 1 Page - Weitron Technology

  ES2F Datasheet HTML 1Page - Weitron Technology ES2F Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* For Surface Mount Application
* Low Reverse Current
* High Current Capability
* Case : Molded Plastic
* Terminals : Solder Plated Terminal-Solderable per MIL-STD-202, Method 208
* Polarity : Indicated by cathode band
* Weight : 0.093 grams
REVERSE VOLTAGE
50 TO 600 VOLTS
FORWARD CURRENT
2.0 AMPERE
http://www.weitron.com.tw
ES2A Thru ES2J
Surface Mount Super Fast Rectifiers
Features:
WEITRON
Mechanical Data:
SMB(DO-214AA)
Unit:mm
1/2
11-Sep-09
SMB
3.30
3.94
4.06
4.80
1.96
2.21
0.15
0.31
5.00
5.59
0.10
0.20
0.76
1.52
2.00
2.62
SMB Outline Dimension
Dim
Min
Max
A
B
C
D
E
G
H
J
Lead(Pb)-Free
P b


Similar Part No. - ES2F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ES2F GE-ES2F Datasheet
81Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
logo
List of Unclassifed Man...
ES2F ETC1-ES2F Datasheet
51Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
ES2F TSC-ES2F Datasheet
247Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2F TSC-ES2F Datasheet
56Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
TAITRON Components Inco...
ES2F TAITRON-ES2F Datasheet
229Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
More results

Similar Description - ES2F

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SS5A EIC-SS5A Datasheet
41Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SynSemi, Inc.
MURA130 SYNSEMI-MURA130 Datasheet
44Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
SSOA SYNSEMI-SSOA Datasheet
35Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
EIC discrete Semiconduc...
SS3A EIC-SS3A_05 Datasheet
43Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES3AB WEITRON-ES3AB_11 Datasheet
191Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFAS801G TSC-SFAS801G_14 Datasheet
385Kb / 4P
Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES2AA GOOD-ARK-ES2AA_15 Datasheet
407Kb / 2P
super fast surface mount rectifiers
logo
Anova Technologies CO.,...
ES3B ANOVA-ES3B Datasheet
296Kb / 2P
Surface Mount Super Fast Rectifiers
logo
ON Semiconductor
US2AA ONSEMI-US2AA Datasheet
246Kb / 5P
Super Fast Surface Mount Rectifiers
February, 2021 ??Rev. 4
US1AFA ONSEMI-US1AFA Datasheet
204Kb / 5P
Super Fast Surface Mount Rectifiers
January, 2021 ??Rev. 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com