Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2G Datasheet(PDF) 2 Page - Weitron Technology

Part # ES2G
Description  Surface Mount Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ES2G Datasheet(HTML) 2 Page - Weitron Technology

  ES2G Datasheet HTML 1Page - Weitron Technology ES2G Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ES2A Thru ES2J
2/2
11-Sep-09
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectifier Current
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous At 2.0A DC
Maximum DC Reverse Current @T =25 C
At Rated DC Blocking Voltage @T =100 C
Maximun Reverse Recocery Time (Note2)
Typical Junction Capacitance (Note1)
Typical Thermal Resistance
Operating Temperature Range
Storage Temperature Range
V
A
A
V
A
Rating 25 C Ambient Temperature Unless Otherwise Specified.
Single Phase Half Wave, 60Hz , Resistive or Inductive Load.
For Capacitive Load, Derate Current by 20%.
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
C
JC
T
TSTG
50
35
100
70
150
105
200
140
300
210
400
280
600
50
100
150
200
300
400
600
420
-55 to +150
-55 to +150
F
°C/W
°C
°C
2.0
50
0.98
1.30
5.0
100
25
40
30
http://www.weitron.com.tw
WEITRON
J
J
ES2A ES2B
ES2C ES2D ES2F ES2G ES2J
1.75
p
R
Trr
35
ns
NOTE 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Measured with IF=0.5A, IR=1A, IRR=0.25A.
A
A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com