Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA14V2 Datasheet(PDF) 2 Page - Weitron Technology

Part # ESDA14V2
Description  Dual transil arr ay for ESD protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ESDA14V2 Datasheet(HTML) 2 Page - Weitron Technology

  ESDA14V2 Datasheet HTML 1Page - Weitron Technology ESDA14V2 Datasheet HTML 2Page - Weitron Technology ESDA14V2 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings(TA=25˚C Unless Otherwise Noted)
Characteristic
Symbol
Value
Unit
PPP
300
260(10s)
W
°C
Operating Temperature Range
Lead Soldering Temperature
Peak Pulse Power Dissipation (tP= 8/20s)
Top
TL
-40 to +125
Junction Temperature Range
TJ
150
°C
Tstg
-55 to +150
°C
°C
Storage Temperature Range
VPP
25
16
9
kv
Electrostatic discharge
MILSTD 833C-Method 3015-6
IEC61000-4-2 Air discharge
IEC61000-4-2 ContactAir discharge
WEITRON
http://www.weitron.com.tw
ESDAxx Series
2/3
26-Apr-07
Electrical Characteristics
VBR
VF
Rd
αT
C
Min.
Max.
IR
VRM IRM
Max.
IF
Typ(1) Max(2) Typ. 0v bias
Part
Numbers
V
V
mA
V
µA
V
mA
mΩ
10-4/°C
pF
5.3
5.9
1
3
2
1.25
200
280
5
220
6.1
7.2
1
5.25
20
1.25
200
350
6
140
14.2
15.8
1
12
5
1.25
200
650
10
90
25
30
1
24
1
1.2
10
1000
10
50
ESDA5V3
ESDA6V1
ESDA14V2
ESDA25
1. Square pulse IPP=15A, tp=2.5µs.
2. ∆VBR=aT*(Tamb-25°C) * VBR(25°C).
Electrical Parameter
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
C
Capacitance
Rd
Dynamic resistance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com