Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF830 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # IRF830
Description  High current, high speed switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

IRF830 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  IRF830 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. IRF830 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. IRF830 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. IRF830 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. IRF830 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. IRF830 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
IRF830
Electrical Characteristics @TJ=25 ْC(unless otherwise specified)
Parameter
Min. Typ.
Max. Units
Test Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
500
—
—
V VGS=0V,ID=250μA
△
V(BR)DSS/△TJ Breakdown Voltage Temp.Coefficient
—
0.6
—
V/ْC Reference to 25ْC,ID=250μA
RDS(on)
Static Drain-to-Source On-resistance
—
1.15
1.2
Ω
VGS=10V,ID=2.5A ④
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V VDS=VGS,ID=250μA
gfs
Forward Transconductance
—
4.3
—
S VDS=40V,ID=2.25A
IDSS
Drain-to-Source Leakage current
—
—
1
μ
A
VDS=500V,VGS=0V
—
—
10
VDS=400V,VGS=0V,TJ=150ْC
IGSS
Gate-to-Source Forward leakage
—
—
100
nA
VGS=30V
Gate-to-Source Reverse leakage
—
—
-100
VGS=-30V
Qg
Total Gate Charge
—
11
15
nC
ID=5A
VDS=400V
VGS=10V
Qgs
Gate-to-Source charge
—
3
—
Qgd
Gate-to-Drain("Miller") charge
—
5
—
td(on)
Turn-on Delay Time
—
13
36
nS
VDD=250V
ID=5A
RG=25Ω
tr
Rise Time
—
22
54
td(off)
Turn-Off Delay Time
—
28
66
tf
Fall Time
—
20
50
Ciss
Input Capacitance
—
515
670
pF
VGS=0V
VDS=25V
f
=1.0MHZ
Coss
Output Capacitance
—
55
72
Crss
Reverse Transfer Capacitance
—
6.5
8.5
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
Test Conditions
IS
Continuous Source Current .
(Body Diode)
—
—
5
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
.
(Body Diode) ①
—
—
20
VSD
Diode Forward Voltage
—
—
1.4
V
TJ=25ْC,IS=5A,VGS=0V ④
Trr
Reverse Recovery Time
—
300
—
nS
TJ=25ْC,IF=5A
di/dt=100A/μs ④
Qrr
Reverse Recovery Charge
—
1.8
uC
Notes:
①
Repetitive rating; pulse width limited by
③
ISD≤5A,di/dt≤200A/μs, VDD≤V(BR)DSS,
maxIimum. junction temperature
TJ≤25 ْC
②
L = 15mH, IAS =4 A, VDD = 50V,
④
Pulse width≤300μS; duty cycle≤2%
RG = 25Ω
, Starting TJ = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com