Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF2301 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2301
Description  PWM applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2301 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF2301 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2301 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2301 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2301 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2301 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSF2301
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
V
V =V
GS(th)
DS
GS,ID=-250μA
-0.5
-1
V
V =-4.5V, I
GS
D=-3A
65
90
Drain-Source On-State Resistance
RDS(ON)
VGS=-2.5V, ID=-2A
90
115
mΩ
Forward Transconductance
g
V =-5V,I
FS
DS
D=-3A
7
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
C
1160
PF
lss
Output Capacitance
Coss
210
PF
V =-10V,V
Reverse Transfer Capacitance
Crss
DS
GS=0V,
F=1.0MHz
125
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
t
13.6
27.2
nS
d(on)
Turn-on Rise Time
t
8.6
17.2
nS
r
Turn-Off Delay Time
td(off)
73.6
147.2
nS
V =-10V,I
DD
D=-3A
V =-4.5V,R
Turn-Off Fall Time
tf
GS
GEN=3Ω
34.6
69.2
nS
Total Gate Charge
Q
9.6
12.7
nC
g
Gate-Source Charge
Qgs
1.1
nC
V =-10V,I
Gate-Drain Charge
Qgd
DS
D=-3A,VGS=-4.5V
2.6
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
V
V =0V,I =-1A
-1.2
V
SD
GS
S
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.
©Silikron Semiconductor CO.,LTD.
2
http://www.silikron.com
v1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com