Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD601 Datasheet(PDF) 2 Page - Weitron Technology

Part # MSD601
Description  NPN General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MSD601 Datasheet(HTML) 2 Page - Weitron Technology

  MSD601 Datasheet HTML 1Page - Weitron Technology MSD601 Datasheet HTML 2Page - Weitron Technology MSD601 Datasheet HTML 3Page - Weitron Technology MSD601 Datasheet HTML 4Page - Weitron Technology MSD601 Datasheet HTML 5Page - Weitron Technology MSD601 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
-
V
MSD601
0.5
WEITRON
http://www.weitron.com.tw
Characteristics
Symbol
Min
Max
Typ
Unit
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICBO
ICEO
7.0
-
-
-
-
-
0.1
V
V
V
µA
µA
50
60
0.1
-
-
-
-
-
ELECTRICAL CHARACTERISTICS
Collector-Emitter Saturation Voltage
IC = 100mA, IB = 10mA
VCE(sat)
-
-
90
-
DC Current Transfer Ration1
@VCE = 10V, IC = 2.0mA
VCE =2.0V, IC = 100mA
hFE
ON CHARACTERISTICS
Emitter Cutoff Current
VEB = 10V, IC = 0A
Collector Cutoff Current
VCB = 45V, IC = 0A
Emitter-Base Breakdown Voltage
IE= 10µA, IC=0
Collector-Emitter Breakdown Voltage
IC = 2.0mA, IE = 0A
Collector-Base Breakdown Voltage
IC = 10µA, IB = 0A
2/6
18-Sep-06
1.Pulse Test : Pulse Width ≤ 300µs, D.C. ≤ 2%
Rank
Range
R
210-340
290-460
S
Marking
YR
YS
CLASSIFICATION hFE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com