Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF21 Datasheet(PDF) 1 Page - Weitron Technology

Part # SF21
Description  Axial Lead Super Fast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SF21 Datasheet(HTML) 1 Page - Weitron Technology

  SF21 Datasheet HTML 1Page - Weitron Technology SF21 Datasheet HTML 2Page - Weitron Technology SF21 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REVERSE VOLTAGE
50 TO 600 VOLTS
CURRENT
2.0 AMPERE
SF21 thru SF28
DO-15
Lead(Pb)-Free
P b
Axial Lead Super Fast Rectifiers
WEITRON
http://www.weitron.com.tw
DO-15 Outline Dimensions
Axial Device (Through-Hole)
Features:
* Low forward voltage drop.
* High current capability.
* High reliability.
* High surge current capability.
* Case: Molded plastic.
* Epoxy: UL 94V-0 rate ame retardant.
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed.
* Polarity: Color band denotes cathode end.
* Mounting position: Any.
* Weight: 0.40 grams.
Mechanical Data:
1/3
Rev.A 04-Aug-09
Unit:mm
C
A
B
DO-15
25.4
5.8
7.6
25.4
-
-
D
E
2.6
0.7
0.9
3.6
Dim
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
A
B
C


Similar Part No. - SF21

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF21 MOSPEC-SF21 Datasheet
134Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
logo
Won-Top Electronics
SF21 WTE-SF21 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF21 ZOWIE-SF21 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF21 RECTRON-SF21 Datasheet
275Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
SF21 JGD-SF21 Datasheet
159Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF21

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SF11 WEITRON-SF11 Datasheet
503Kb / 3P
Axial Lead Super Fast Rectifier
logo
Formosa MS
SF11G FORMOSA-SF11G Datasheet
144Kb / 6P
Axial Leaded Super Fast Rectifiers
SF21G FORMOSA-SF21G Datasheet
104Kb / 6P
Axial Leaded Super Fast Rectifiers
SF31G FORMOSA-SF31G Datasheet
88Kb / 6P
Axial Leaded Super Fast Rectifiers
SF51G FORMOSA-SF51G Datasheet
122Kb / 6P
Axial Leaded Super Fast Rectifiers
SF61G FORMOSA-SF61G Datasheet
122Kb / 6P
Axial Leaded Super Fast Rectifiers
SF11 FORMOSA-SF11_17 Datasheet
138Kb / 6P
Axial Leaded Super Fast Rectifiers
SF21 FORMOSA-SF21_17 Datasheet
152Kb / 6P
Axial Leaded Super Fast Rectifiers
SF31 FORMOSA-SF31_17 Datasheet
146Kb / 6P
Axial Leaded Super Fast Rectifiers
SF51 FORMOSA-SF51_17 Datasheet
119Kb / 6P
Axial Leaded Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com