Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL13 Datasheet(PDF) 2 Page - Weitron Technology

Part # SL13
Description  Low VF Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SL13 Datasheet(HTML) 2 Page - Weitron Technology

  SL13 Datasheet HTML 1Page - Weitron Technology SL13 Datasheet HTML 2Page - Weitron Technology SL13 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SL12 thru SL14
Maximum Ratings and Electrical Characteristics
V
V
V
A
A
V
°C
°C
Rating 25 C Ambient Temperature Unless Otherwise Specified.
Single Phase Half Wave, 60Hz , Resistive or Inductive Load.
For Capacitive Load, Derate Current by 20%.
28
14
21
10
WEITRON
http://www.weitron.com.tw
SL12
SL13
SL14
Symbol
40
30
20
40
30
20
IF(AV)
1.0
30
Forward Rectified Current (FIG.2)
0.40
0.38
0.40
VF
Maximum Instantaneous Forward Voltage
Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed
on Rated Load(JEDECMethod)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum DC Reverse Current @Tj=25°C
At Rated DC Blocking Voltage @Tj=100°C
130
RθJA
IFSM
°C/W
mA
pF
Characteristics
Unit
VDC
IR
1.0
VRRM
VRMS
CJ
TSTG
TJ
Typical Junction Capacitance
Typical Thermal Resistance
Operating Temperature Range
Storage Temperature Range
80
-55 to +125
-55 to +150
2/3
31-Oct-06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com