Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DH/2 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8576DH/2
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DH/2 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8576DH/2 Datasheet HTML 13Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 14Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 15Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 16Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 17Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 18Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 19Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 20Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
17 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
In the 1:2 multiplex drive mode, BP0 and BP2, BP1 and BP3 all carry the same signals
and may also be paired to increase the drive capabilities.
In the static drive mode the same signal is carried by all four backplane outputs and they
can be connected in parallel for very high drive requirements.
7.10 Display RAM
The display RAM is a static 40
× 4-bit RAM which stores LCD data. A logic 1 in the RAM
bit-map indicates the on-state of the corresponding LCD element; similarly, a logic 0
indicates the off-state. There is a one-to-one correspondence between the RAM
addresses and the segment outputs, and between the individual bits of a RAM word and
the backplane outputs. The display RAM bit map Figure 11 shows the rows 0 to 3 which
correspond with the backplane outputs BP0 to BP3, and the columns 0 to 39 which
correspond with the segment outputs S0 to S39. In multiplexed LCD applications the
segment data of the first, second, third and fourth row of the display RAM are
time-multiplexed with BP0, BP1, BP2 and BP3 respectively.
When display data is transmitted to the PCF8576D, the display bytes received are stored
in the display RAM in accordance with the selected LCD drive mode. The data is stored as
it arrives and does not wait for an acknowledge cycle as with the commands. Depending
on the current multiplex drive mode, data is stored singularly, in pairs, triplets or
quadruplets. To illustrate the filling order, an example of a 7-segment numeric display
showing all drive modes is given in Figure 12; the RAM filling organization depicted
applies equally to other LCD types.
Display RAM bit map showing direct relationship between RAM addresses and segment outputs;
also between bits in a RAM word and the backplane outputs.
Fig 11. Display RAM bit map
0
0
1
2
3
1234
35
36
37
38
39
display RAM addresses (columns)/segment outputs (S)
display RAM bits
(rows)/
backplane outputs
(BP)
mbe525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com